Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 68 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 68 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 64Page - Texas Instruments SWCS049G Datasheet HTML 65Page - Texas Instruments SWCS049G Datasheet HTML 66Page - Texas Instruments SWCS049G Datasheet HTML 67Page - Texas Instruments SWCS049G Datasheet HTML 68Page - Texas Instruments SWCS049G Datasheet HTML 69Page - Texas Instruments SWCS049G Datasheet HTML 70Page - Texas Instruments SWCS049G Datasheet HTML 71Page - Texas Instruments SWCS049G Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 119 page
background image
68
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
ALARM_YEAR1
ALARM_YEAR0
Bits
Field Name
Description
Type
Reset
7:4
ALARM_YEAR1
Second digit of alarm programmation for years (range is 0 up to 9)
RW
0x0
3:0
ALARM_YEAR0
First digit of alarm programmation for years (range is 0 up to 9)
RW
0x0
Table 6-20. RTC_CTRL_REG
Address Offset
0x10
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC control register:
NOTES: A dummy read of this register is necessary before each I2C read in order to update the
ROUND_30S bit value.
Type
RW
7
6
5
4
3
2
1
0
RTC_V_OPT
GET_TIME
SET_32_
COUNTER
TEST_MODE
MODE_12_24
AUTO_COMP
ROUND_30S
STOP_RTC
Bits
Field Name
Description
Type
Reset
7
RTC_V_OPT
RTC date/time register selection:
0: Read access directly to dynamic registers (SECONDS_REG,
MINUTES_REG, HOURS_REG, DAYS_REG, MONTHS_REG,
YEAR_REG, WEEKS_REG)
1: Read access to static shadowed registers: (see GET_TIME bit).
RW
0
6
GET_TIME
When writing a 1 into this register, the content of the dynamic registers
(SECONDS_REG, MINUTES_REG, HOURS_REG, DAYS_REG,
MONTHS_REG, YEAR_REG and WEEKS_REG) is transferred into
static shadowed registers. Each update of the shadowed registers needs
to be done by re-asserting GET_TIME bit to 1 (that is: reset it to 0 and
then rewrite it to 1)
RW
0
5
SET_32_COUNTER
0: No action
1: set the 32-kHz counter with COMP_REG value.
It must only be used when the RTC is frozen.
RW
0
4
TEST_MODE
0: functional mode
1: test mode (Auto compensation is enable when the 32-kHz counter
reaches at its end)
RW
0
3
MODE_12_24
0: 24 hours mode
1: 12 hours mode (PM-AM mode)
It is possible to switch between the two modes at any time without
disturbed the RTC, read or write are always performed with the current
mode.
RW
0
2
AUTO_COMP
0: No auto compensation
1: Auto compensation enabled
RW
0
1
ROUND_30S
0: No update
1: When a one is written, the time is rounded to the closest minute.
This bit is a toggle bit, the microcontroller can only write one and RTC
clears it. If the microcontroller sets the ROUND_30S bit and then read it,
the microcontroller will read one until the rounded to the closet.
RW
0
0
STOP_RTC
0: RTC is frozen
1: RTC is running
RW
0
Table 6-21. RTC_STATUS_REG
Address Offset
0x11
Physical Address
Instance
(RESET DOMAIN: FULL RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com