Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 51 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 51 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 47Page - Texas Instruments SWCS049G Datasheet HTML 48Page - Texas Instruments SWCS049G Datasheet HTML 49Page - Texas Instruments SWCS049G Datasheet HTML 50Page - Texas Instruments SWCS049G Datasheet HTML 51Page - Texas Instruments SWCS049G Datasheet HTML 52Page - Texas Instruments SWCS049G Datasheet HTML 53Page - Texas Instruments SWCS049G Datasheet HTML 54Page - Texas Instruments SWCS049G Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 119 page
background image
51
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
The EN2 and EN1 signals can be used to set the output voltage of VDD1 and VDD2 SMPS from a roof to
a
floor
value,
preprogrammed
in
the
VDD1_OP_REG,
VDD2_OP_REG
and
VDD1_SR_REG,
VDD2_SR_REG registers.
When a supply is controlled through the EN1 or EN2 signals, its state is no longer driven by the device
SLEEP state.
6.3.3.9
GPIO0 to GPIO8
GPIO0, GPIO2, GPIO6, and GPIO7 can be programmed to be part of the power-up sequence and used
as enable signals for external resources.
GPIO0 is a configurable I/O in the VCC7 domain. By default, its output is push-pull, driving low. GPIO0
can also be configured as an open-drain output with external pullup.
GPIO1 through GPIO8 are configurable open-drain digital I/Os in the VRTC domain. GPIO directivity,
debouncing delay, and internal pullup can be programmed. By default, all are inputs with weak internal
pulldown; as open-drain output an external pullup is required.
GPIO0, GPIO1, and GPIO3 through GPIO5 can be used to turn on the device if the corresponding
interrupt is not masked. When configured as an input, GPIO2 cannot be used to turn on the device, even if
its associated interrupt is not masked. The GPIO interrupt is level sensitive. When an interrupt is detected,
before clearing the interrupt, it should first be disabled by masking it.
GPIO1 and GPIO3, which have current sink capability of 10 mA, can also be used to drive LEDs
connected to a 5-V supply.
GPIO2 can be used for synchronizing DC-DC converters to an external clock. Programming DCDCCKEXT
= 1, VDD1, VDD2, and VIO DCDC switching can be synchronized using a 3-MHz clock set though the
GPIO2 pin. VDD1 and VDD2 will be in-phase and VIO will be phase shifted by 180 degrees.
It is recommended not to connect noisy switching signals to GPIO4 and GPIO5.
6.3.3.10 HDRST Input
HDRST is a cold reset input for the PMIC. High level at input forces the TPS65911x into off mode, causing
a general reset of device to the default settings. The default state is defined by the register reset state and
boot configuration. HDRST high level keeps the device in off mode. When reset is released and HDRST
input goes low, the device automatically transitions to active mode. The device is kept in active mode for
the period tDONIT1, after which another power-on enable reason is needed to maintain the device on.
The HDRST input is in the VRTC domain and has a weak internal pulldown, which is active by default.
6.3.3.11 PWRDN
The PWRDN input is a reset input with selectable polarity (PWRDN_POL). High(low) level at input forces
the TPS65911x device into off mode, causing a power-off reset. Off mode is maintained until PWRDN is
released and a start-up reason (for example, PWRON button press or DEV_ON = 1) is detected. An
interrupt is generated to indicate the cause for shutdown. The PWRDN input is in the VRTC domain but
can tolerate a 5-V input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com