Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 72 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 72 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 68Page - Texas Instruments SWCS049G Datasheet HTML 69Page - Texas Instruments SWCS049G Datasheet HTML 70Page - Texas Instruments SWCS049G Datasheet HTML 71Page - Texas Instruments SWCS049G Datasheet HTML 72Page - Texas Instruments SWCS049G Datasheet HTML 73Page - Texas Instruments SWCS049G Datasheet HTML 74Page - Texas Instruments SWCS049G Datasheet HTML 75Page - Texas Instruments SWCS049G Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 119 page
background image
72
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
7:0
BCKUP
Backup bit
RW
0x00
Table 6-30. BCK4_REG
Address Offset
0x1A
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Backup register which can be used for storage by the application firmware when the external host is
powered down. These registers will retain their content as long as the VRTC is active.
Type
RW
7
6
5
4
3
2
1
0
BCKUP
Bits
Field Name
Description
Type
Reset
7:0
BCKUP
Backup bit
RW
0x00
Table 6-31. BCK5_REG
Address Offset
0x1B
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Backup register which can be used for storage by the application firmware when the external host is
powered down. These registers will retain their content as long as the VRTC is active.
Type
RW
7
6
5
4
3
2
1
0
BCKUP
Bits
Field Name
Description
Type
Reset
7:0
BCKUP
Backup bit
RW
0x00
Table 6-32. PUADEN_REG
Address Offset
0x1C
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Pullup/pulldown control register.
Type
RW
7
6
5
4
3
2
1
0
Reserved
I2CCTLP
I2CSRP
PWRONP
SLEEPP
PWRHOLDP
HDRSTP
NRESPWRON
2P
Bits
Field Name
Description
Type
Reset
7
Reserved
RO
0
6
I2CCTLP
SDACTL and SCLCTL pullup control:
1: Pullup is enabled
0: Pullup is disabled
RW
0
5
I2CSRP
SDASR and SCLSR pullup control:
1: Pullup is enabled
0: Pullup is disabled
RW
0
4
PWRONP
PWRON pad pullup control:
1: Pullup is enabled
0: Pullup is disabled
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com