Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 83 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 83 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 79Page - Texas Instruments SWCS049G Datasheet HTML 80Page - Texas Instruments SWCS049G Datasheet HTML 81Page - Texas Instruments SWCS049G Datasheet HTML 82Page - Texas Instruments SWCS049G Datasheet HTML 83Page - Texas Instruments SWCS049G Datasheet HTML 84Page - Texas Instruments SWCS049G Datasheet HTML 85Page - Texas Instruments SWCS049G Datasheet HTML 86Page - Texas Instruments SWCS049G Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 119 page
background image
83
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
Reserved
SEL
ST
Bits
Field Name
Description
Type
Reset
7
Reserved
RO
R returns
0s
0
6:2
SEL
Supply voltage (EEPROM bits):
SEL[6:2] = 00000: 1 V
SEL[6:2] = 00001: 1 V
SEL[6:2] = 00010: 1 V
SEL[6:2] = 00011: 1.1 V
...
SEL[6:2] = 11000: 3.2 V
SEL[6:2] = 11001: 3.3 V
(Default value: See boot configuration)
RW
0x00
1:0
ST
Supply state (EEPROM bits):
ST[1:0] = 00: Off
ST[1:0] = 01: On high power (ACTIVE)
ST[1:0] = 10: Off
ST[1:0] = 11: On low power (SLEEP)
RW
0x0
Table 6-53. Therm_REG
Address Offset
0x38
Physical Address
Instance
(RESET DOMAIN:
Description
Thermal control register
bits[5:2}: GENERAL RESET
Type
RW
bit[0] TURNOFF OFF RESET)
7
6
5
4
3
2
1
0
Reserved
THERM_HD
THERM_TS
THERM_HDSEL
Reserved
THERM_
STATE
Bits
Field Name
Description
Type
Reset
7:6
Reserved
Reserved bit
RO
R returns
0s
0x0
5
THERM_HD
Hot die detector output:
when 0: the hot die threshold is not reached
when 1: the hot die threshold is reached
RO
0
4
THERM_TS
Thermal shutdown detector output:
when 0: the thermal shutdown threshold is not reached
when 1: the thermal shutdown threshold is reached
RO
0
3:2
THERM_HDSEL
Temperature selection for hot die detector:
when 00: Low temperature threshold
…
when 11: High temperature threshold
RW
0x3
1
Reserved
RO
R returns
0s
0
0
THERM_STATE
Thermal shutdown module enable signal:
when 0: thermal shutdown module is disable
when 1: thermal shutdown module is enable
RW
1
Table 6-54. BBCH_REG
Address Offset
0x39
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Backup battery charger control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com