Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 77 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 77 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 73Page - Texas Instruments SWCS049G Datasheet HTML 74Page - Texas Instruments SWCS049G Datasheet HTML 75Page - Texas Instruments SWCS049G Datasheet HTML 76Page - Texas Instruments SWCS049G Datasheet HTML 77Page - Texas Instruments SWCS049G Datasheet HTML 78Page - Texas Instruments SWCS049G Datasheet HTML 79Page - Texas Instruments SWCS049G Datasheet HTML 80Page - Texas Instruments SWCS049G Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 119 page
background image
77
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-40. VDD2_OP_REG
Address Offset
0x25
Physical Address
Instance
(RESET DOMAIN: TURNOFF OFF
RESET)
Description
VDD2 voltage selection register.
This register can be accessed by both control and voltage scaling dedicated I2C interfaces depending
on SR_CTL_I2C_SEL register bit value.
Type
RW
7
6
5
4
3
2
1
0
CMD
SEL
Bits
Field Name
Description
Type
Reset
7
CMD
Command:
when 0: VDD2_OP_REG voltage is applied
when 1: VDD2_SR_REG voltage is applied
RW
0
6:0
SEL
Output voltage (4 EEPROM bits) selection with GAIN_SEL = 00 (G = 1,
12.5 mV per LSB):
SEL[6:0] = 1001011 to 1111111: 1.5 V
...
SEL[6:0] = 0111111: 1.35 V
...
SEL[6:0] = 0110011: 1.2 V
...
SEL[6:0] = 0000001 to 0000011: 0.6 V
SEL[6:0] = 0000000: Off (0.0 V)
Note: from SEL[6:0] = 3 to 75 (dec)
Vout = (SEL[6:0] × 12.5 mV + 0.5625 V) × G
Note: Vout maximum value is 3.3 V
RW
0x00
Table 6-41. VDD2_SR_REG
Address Offset
0x26
Physical Address
Instance
(RESET DOMAIN: TURNOFF OFF
RESET)
Description
VDD2 voltage selection register.
This register can be accessed by both control and voltage scaling dedicated I2C interfaces depending
on SR_CTL_I2C_SEL register bit value.
Type
RW
7
6
5
4
3
2
1
0
Reserved
SEL
Bits
Field Name
Description
Type
Reset
7
Reserved
Reserved bit
RO
R returns
0s
0
6:0
SEL
Output voltage (EEPROM bits) selection with GAIN_SEL = 00 (G = 1,
12.5 mV per LSB):
SEL[6:0] = 1001011 to 1111111: 1.5 V
...
SEL[6:0] = 0111111: 1.35 V
...
SEL[6:0] = 0110011: 1.2 V
...
SEL[6:0] = 0000001 to 0000011: 0.6 V
SEL[6:0] = 0000000: Off (0.0 V)
Note: from SEL[6:0] = 3 to 75 (dec)
Vout = (SEL[6:0] × 12.5 mV + 0.5625 V) × G
Note: Vout maximum value is 3.3 V
RW
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com