Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 66 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 66 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 62Page - Texas Instruments SWCS049G Datasheet HTML 63Page - Texas Instruments SWCS049G Datasheet HTML 64Page - Texas Instruments SWCS049G Datasheet HTML 65Page - Texas Instruments SWCS049G Datasheet HTML 66Page - Texas Instruments SWCS049G Datasheet HTML 67Page - Texas Instruments SWCS049G Datasheet HTML 68Page - Texas Instruments SWCS049G Datasheet HTML 69Page - Texas Instruments SWCS049G Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 119 page
background image
66
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
Reserved
WEEK
Bits
Field Name
Description
Type
Reset
7:3
Reserved
Reserved bit
RO
R returns
0s
0x00
2:0
WEEK
First digit of day of the week (range is 0 up to 6)
RW
0
Table 6-14. ALARM_SECONDS_REG
Address Offset
0x08
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC register for alarm programmation for seconds
Type
RW
7
6
5
4
3
2
1
0
Reserved
ALARM_SEC1
ALARM_SEC0
Bits
Field Name
Description
Type
Reset
7
Reserved
Reserved bit
RO
R returns
0s
0
6:4
ALARM_SEC1
Second digit of alarm programmation for seconds (range is 0 up to 5)
RW
0x0
3:0
ALARM_SEC0
First digit of alarm programmation for seconds (range is 0 up to 9)
RW
0x0
Table 6-15. ALARM_MINUTES_REG
Address Offset
0x09
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC register for alarm programmation for minutes
Type
RW
7
6
5
4
3
2
1
0
Reserved
ALARM_MIN1
ALARM_MIN0
Bits
Field Name
Description
Type
Reset
7
Reserved
Reserved bit
RO
R returns
0s
0
6:4
ALARM_MIN1
Second digit of alarm programmation for minutes (range is 0 up to 5)
RW
0x0
3:0
ALARM_MIN0
First digit of alarm programmation for minutes (range is 0 up to 9)
RW
0x0
Table 6-16. ALARM_HOURS_REG
Address Offset
0x0A
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC register for alarm programmation for hours
Type
RW
7
6
5
4
3
2
1
0
ALARM_PM_N
AM
Reserved
ALARM_HOUR1
ALARM_HOUR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com