Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 24 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 24 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 20Page - Texas Instruments SWCS049G Datasheet HTML 21Page - Texas Instruments SWCS049G Datasheet HTML 22Page - Texas Instruments SWCS049G Datasheet HTML 23Page - Texas Instruments SWCS049G Datasheet HTML 24Page - Texas Instruments SWCS049G Datasheet HTML 25Page - Texas Instruments SWCS049G Datasheet HTML 26Page - Texas Instruments SWCS049G Datasheet HTML 27Page - Texas Instruments SWCS049G Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 119 page
background image
24
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
VDD1 SMPS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Conversion efficiency
PWM mode, DCRL < 0.1 Ω,
VOUT = 1.2 V, VIN = 3.6 V:
IOUT = 10 mA
35%
IOUT = 100 mA
78%
IOUT = 400 mA
80%
IOUT = 800 mA
74%
IOUT = 1500 mA
62%
PFM mode, DCRL < 0.1 Ω,
VOUT = 1.2 V, VIN = 3.6 V:
IOUT = 1 mA
59%
IOUT = 10 mA
70%
IOUT = 400 mA
80%
5.17 VDD2 SMPS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage (VCC2 and
VCC7) VIN
VOUT ≤ 2.7 V
2.7
5.5
V
VOUT > 2.7 V
VOUT
5.5
DC output voltage (VOUT)
VGAIN_SEL = 00,
IOUT = 0 to IOUTmax
max programmable voltage,
SEL[6:0] = 1001011
1.5
V
SEL[6:0] = 0110011
–3%
1.2
3%
min programmable voltage,
SEL[6:0] = 0000011
0.6
SEL[6:0] = 000000: power
down
0
VGAIN_SEL = 10,
SEL = 0101011 = 43
–3%
2.2
3%
VGAIN_SEL = 11,
SEL=0101011 = 43
–3%
3.3
3%
DC output maximum
voltage maximum value
3.3
V
DC output voltage
programmable step
(VOUTSTEP)
VGAIN_SEL = 00, 72 steps
12.5
mV
Rated output current
IOUTmax
VDD2 output voltage = (0.6 to 1.5 V)
1500
mA
VDD2 output voltage = 2.2 V
1200
VDD2 output voltage = 3.2 V
1200
P-channel MOSFET
VIN = VINmin
300
m
Ω
On-resistance
RDS(ON)_PMOS
VIN = 3.8 V
250
400
m
Ω
P-channel leakage current
ILK_PMOS
VIN = VINmax, SW2 = 0 V
2
µA
N-channel MOSFET
VIN = VMIN
300
m
Ω
On-resistance
RDS(ON)_NMOS
VIN = 3.8 V
250
400
m
Ω
N-channel leakage current
ILK_NMOS
VIN = VINmax, SW2 = VINmax
2
µA
PMOS current limit (high-
side)
VIN = VINmin to VINmax, source current load
1800
mA
NMOS current limit (low-
side)
VIN = VINmin to VINmax, source current load
1800
mA
VIN = VINmin to VINmax, sink current load
1800
DC load regulation
On mode, VIN = VINmin to VINmax at IOUT = 1500 mA
VDD2 output voltage = (0.6 to 1.5V)
20
mV
On mode, VIN = VINmin to VINmax at IOUT = 1200 mA
VDD2 output voltage = (2.2 to 3.3 V)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com