Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 23 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 23 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 19Page - Texas Instruments SWCS049G Datasheet HTML 20Page - Texas Instruments SWCS049G Datasheet HTML 21Page - Texas Instruments SWCS049G Datasheet HTML 22Page - Texas Instruments SWCS049G Datasheet HTML 23Page - Texas Instruments SWCS049G Datasheet HTML 24Page - Texas Instruments SWCS049G Datasheet HTML 25Page - Texas Instruments SWCS049G Datasheet HTML 26Page - Texas Instruments SWCS049G Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 119 page
background image
23
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
VDD1 SMPS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC load regulation
On mode, VIN = VINmin to VINmax
at IOUT = 1500 mA
VDD1 output voltage = (0.6 to 1.5 V)
20
mV
On mode, VIN = VINmin to VINmax
at IOUT = 2000 mA
VDD1 output voltage = (1.2 V, 1.35 V, 1.5 V)
VINmin = 3 V
30
On mode, VIN = VINmin to VINmax
at IOUT = 1500 mA
VDD1 output voltage = 2.2 V
30
On mode, VIN = VINmin to VINmax
at IOUT = 1200 mA
VDD1 output voltage = 3.2 V
30
DC line regulation
On mode, VIN = VINmin to VINmax
at IOUT = 1500 mA
VDD1 output voltage = (0.6 to 1.5 V)
20
mV
On mode, VIN = VINmin to VINmax
at IOUT = 2000 mA
VDD1 output voltage = (1.2 V, 1.35 V, 1.5 V)
VINmin = 3 V
30
On mode, VIN = VINmin to VINmax
at IOUT = 1500 mA
VDD1 output voltage = 2.2 V
30
On mode, VIN = VINmin to VINmax
at IOUT = 1200 mA
VDD1 output voltage = 3.2 V
30
Transient load regulation
VIN = 3.8 V, VOUT = 1.2 V
IOUT = 0 to 500 mA , Maximum slew = 100 mA/µs
IOUT = 700 mA to 1.2 A , Maximum slew = 100 mA/µs
50
mV
Turnon time (ton) off to on
IOUT = 200 mA
350
µs
Output voltage transition rate
From VOUT = 0.6 V to 1.5 V and
VOUT = 1.5 V to 0.6 V IOUT =
500 mA
TSTEP[2:0] = 001
12.5
mV/µs
TSTEP[2:0] = 011
(default)
7.5
TSTEP[2:0] = 111
2.5
Overshoot
SMPS turned on
3%
Power-save mode ripple
voltage
PFM (pulse skip mode), IOUT = 1 mA
0.025 × VOUT
VPP
Switching frequency
2.7
3
3.3
MHz
Duty cycle
100%
Minimum on time tON(MIN)
P-channel MOSFET
35
ns
Discharge resistor for power-
down sequence RDIS
30
50
Ω
VFB1 internal resistance
0.5
1
M
Ω
Ground current (IQ)
Off
1
µA
PWM mode, IOUT = 0 mA, VIN = 3.8 V, VDD1_PSKIP = 0
7500
Pulse skipping mode, no switching
78
Low-power (pulse skipping) mode, no switching
ST[1:0] = 11
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com