Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 15 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 15 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 11Page - Texas Instruments SWCS049G Datasheet HTML 12Page - Texas Instruments SWCS049G Datasheet HTML 13Page - Texas Instruments SWCS049G Datasheet HTML 14Page - Texas Instruments SWCS049G Datasheet HTML 15Page - Texas Instruments SWCS049G Datasheet HTML 16Page - Texas Instruments SWCS049G Datasheet HTML 17Page - Texas Instruments SWCS049G Datasheet HTML 18Page - Texas Instruments SWCS049G Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 119 page
background image
15
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.7
Digital I/O Voltage Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
RELATED I/Os: PWRON
Low-level input voltage VIL
0.3 × VBAT
V
High-level input voltage VIH
0.7 × VBAT
V
RELATED I/Os: PWRHOLD, GPIO0-8, PWRDN
Low-level input voltage VIL
0.45
V
High-level input voltage VIH
1.3
VBAT
V
RELATED I/Os: BOOT1
Low level input – Impedance between BOOT1 and GND
10
k
Ω
High level input – Impedance between BOOT1 and VRTC
10
k
Ω
HiZ level input – Impedance between BOOT1 and GND
500
k
Ω
RELATED I/Os: SLEEP
Low-level input voltage VIL
0.35 × VDDIO
V
High-level input voltage VIH
0.65 × VDDIO
V
RELATED I/Os: HDRST
Low-level input voltage VIL
0.35 × VRTC
V
High-level input voltage VIH
0.65 × VRTC
V
RELATED I/Os: NRESPWRON, INT1, 32KCLKOUT
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 2 mA
0.45
High-level output voltage VOH
IOH = 100 µA
VDDIO – 0.2
V
IOH = 2 mA
VDDIO – 0.45
RELATED I/Os: GPIO0 (PUSH-PULL MODE)
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 2 mA
0.45
High-level output voltage VOH
IOH = 100 µA
VCC7 – 0.2
V
IOH = 2 mA
VCC7 – 0.45
RELATED OPEN-DRAIN I/Os: GPIO0, GPIO4, GPIO5, GPIO6, GPIO8, NRESPWRON2
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 2 mA
0.45
RELATED OPEN-DRAIN I/Os: GPIO2, GPIO7
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 1.9 mA
0.45
RELATED OPEN-DRAIN I/Os: GPIO1, GPIO3
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 2 mA
0.4
I2C-SPECIFIC RELATED I/Os: SCL, SDA, EN1, EN2
Low-level input voltage VIL
–0.5
0.3 × VDDIO
V
High-level input voltage VIH
0.7 × VDDIO
V
Hysteresis
0.1 × VDDIO
V
Low-level output voltage VOL at 3 mA (sink current), VDDIO = 1.8 V
0.2 × VDDIO
V
Low-level output voltage VOL at 3 mA (sink current), VDDIO = 3.3 V
0.4 × VDDIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com