Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 34 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 34 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 30Page - Texas Instruments SWCS049G Datasheet HTML 31Page - Texas Instruments SWCS049G Datasheet HTML 32Page - Texas Instruments SWCS049G Datasheet HTML 33Page - Texas Instruments SWCS049G Datasheet HTML 34Page - Texas Instruments SWCS049G Datasheet HTML 35Page - Texas Instruments SWCS049G Datasheet HTML 36Page - Texas Instruments SWCS049G Datasheet HTML 37Page - Texas Instruments SWCS049G Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 119 page
background image
34
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
LDO6, LDO7, and LDO8 (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO7
DC output voltage VOUT
On and low-power mode, VIN = VINmin to VINmax
1
V
1.1
–3%
...
3%
3.2
3.3
Rated output current
IOUTmax
On mode
300
mA
Low-power mode
1
Load current limitation
(short-circuit protection)
On mode, VOUT = VOUTmin – 100 mV
450
550
650
mA
Dropout voltage VDO
On mode, VDO = VIN – VOUT
VIN = 2.7 V, IOUT = IOUTmax
500
mV
VIN = 2.7 V, IOUT = 250 mA
400
VIN = 2.7 V, IOUT = 200 mA
300
VIN = 1.7 V, IOUT = 180 mA
700
VIN = 1.7 V, IOUT = 150 mA
500
VIN = 1.7 V, IOUT = 100 mA
300
DC load regulation
On mode, IOUT = IOUTmax to 0
15
mV
DC line regulation
On mode, VIN = VINmin to VINmax at IOUT = IOUTmax
4
mV
Transient load regulation
On mode, VIN = 3.6 V, VOUTtyp = 3.3 V
IOUT = 0.1 × IOUTmax to 0.9 × IOUTmax in 5 µs
and IOUT = 0.9 × IOUTmax to 0.1 × IOUTmax in 5 µs
16
25
mV
Transient line regulation
On mode, IOUT = IOUTmax / 2, VIN = 2.7 + 0.5 V to 2.7 in 30 µs
and VIN = 2.7 V + 0.5 V in 30 µs, IOUT = IOUTmax / 2
5
15
mV
Turnon time
VOUT = (1 to 1.8 V), at IOUT = 0
measured from VOUT = 0.1 V up to 97% of VOUT
30
150
µs
VOUT = (1.9 to 3.3 V), at IOUT = 0
measured from VOUT = 0.1 V up to 97% of VOUT
50
200
Turnon inrush current
200
450
mA
Ripple rejection
VIN = VINDC + 100 mVpp tone,
VINDC+ = 3.8 V,
IOUT = IOUTmax / 2
ƒ = 217 Hz
70
dB
ƒ = 20 kHz
40
LDO7 internal resistance
LDO off
60
Ω
Ground current
On mode, IOUT = 0
65
76
µA
On mode, IOUT = IOUTmax
2000
Low-power mode
14
22
Off mode
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com