Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049G Datasheet(PDF) 101 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 101 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 97Page - Texas Instruments SWCS049G Datasheet HTML 98Page - Texas Instruments SWCS049G Datasheet HTML 99Page - Texas Instruments SWCS049G Datasheet HTML 100Page - Texas Instruments SWCS049G Datasheet HTML 101Page - Texas Instruments SWCS049G Datasheet HTML 102Page - Texas Instruments SWCS049G Datasheet HTML 103Page - Texas Instruments SWCS049G Datasheet HTML 104Page - Texas Instruments SWCS049G Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 119 page
background image
101
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
7:6
Reserved
RO
R returns
0s
0x0
5:1
VMBCH_SEL
Battery voltage comparator threshold (EEPROM)
11000 to 11111: 3.5 V
10111: 3.45 V
...
01110: 3 V (default)
...
00101: 2.55 V
00001 to 00100: 2.5 V
00000: Bypass
(Default value: See boot configuration)
RW
0x00
0
Reserved
RO
R returns
0s
0
Table 6-83. VMBCH2_REG
Address Offset
0x6B
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Comparator for detecting battery discharge below threshold level
Type
RW
7
6
5
4
3
2
1
0
Reserved
VMBDCH2_SEL
VMBDCH2_
DEB
Bits
Field Name
Description
Type
Reset
7:6
Reserved
RO
R returns
0s
0x0
5:1
VMBDCH2_SEL
Battery voltage comparator threshold
11000 to 11111: 3.5 V
10111: 3.45 V
...
00101: 2.55 V
00001 to 00100: 2.5 V
00000: Bypass
RW
0x00
0
VMBDCH2_DEB
Comp2 input debouncing time configuration:
When 0, the debouncing is 91.5 µs using a 30.5 µs clock rate
When 1, the debouncing is 150 ms using a 50 ms clock rate
RW
0
Table 6-84. LED_CTRL1_REG
Address Offset
0x6C
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
LED ON/OFF control register.
Type
RW
7
6
5
4
3
2
1
0
Reserved
LED2_PERIOD
LED1_PERIOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com