Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 47 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 47 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 49Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
47
080x5-DSH-001
Register Address: 81h
Default:
0Bh
Register Name:
Chip ID
Description:
Chip Identification Number
Register Address: 82h
Default:
04h
Register Name:
Chip Rev
Description:
Chip Revision
Register Address: 83h
Default:
00h
Register Name:
LOS Status 0
Description:
Inputs 0-1, Set to a '1' when LOS asserted (single-event latched operation). Proper status is obtained after clearing all latched
alarms by using Register 85h bit 0.
Register Address: 84h
Default:
00h
Register Name:
LOS Status 1
Description:
Inputs 2-3, Set to a '1' when LOS asserted (single-event latched operation). Proper status is obtained after clearing all latched
alarms by using Register 85h bit 0.
Bit
Bit Description
Default
R/W
7:0
M08035/M08045
N/A
R
Bit
Bit Description
Default
R/W
7:0
Chip revision
00000100b
R
Bit
Bit Description
Default
R/W
7:6
Reserved
00b
R
5
0b: SDI1, Input present
1b: SDI1, LOS Asserted
0b
R
4:3
Reserved
00b
R
2
0b: SDI0, Input present
1b: SDI0, LOS Asserted
0b
R
1:0
Reserved
00b
R
Bit
Bit Description
Default
R/W
7:6
Reserved
00b
R
5
0b: SDI3, Input present
1b: SDI3, LOS Asserted
0b
R
4:2
Reserved
000b
R
1
0b: SDI2, Input present
1b: SDI2, LOS Asserted
0b
R
0
Reserved
0b
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com