Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 28 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 28 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
28
080x5-DSH-001
4.6.3
Two-wire Interface Mode (SIC2)
In this mode a two-wire serial interface is used to program the device's internal registers, configuring the operation
of the M08035/M08045. When in SIC2 mode, MF[0:5] pins are configured as shown below.
Each device has an individual address and is addressed using an address byte, which is latched upon Power-On-
Reset (POR). In this mode, the M08035/M08045 are I2C-compatible slave devices that can operate at 100 kHz and
400 kHz for all allowed voltages seen at the DVDDIO pin.
The M08035/M08045 allow for forty different addresses to be programmed using the inputs ADD[3:0]; these inputs
have three states, low (L), high (H) and floating (F). The slave addresses are from 21h to 48h.
Table 4-5.
MF Pin Configuration in Two-wire Interface Mode
MF
SIC4 Mode Pin Name
Function
MF0
SCL
Clock input from master host
MF1
SDA
Serial data input/output
MF2
ADD0
Address bit 0
MF3
ADD1
Address bit 1
MF4
ADD2
Address bit 2
MF5
ADD3
Address bit 3
Table 4-6.
M08035/M08045 2-Wire Interface Address Map (1 of 2)
Dec Add
Hex Add
Bin Add
Pin Setting
Function
ADD3
ADD2
ADD1
ADD0
32
20
010 0000b
L
L
L
L
EEPROM only, Address 50h
32
20
010 0000b
L
L
L
H
EEPROM only, Address 51h
32
20
010 0000b
L
L
H
L
EEPROM only, Address 52h
32
20
010 0000b
L
L
H
H
EEPROM only, Address 53h
33
21
010 0001b
L
H
L
L
Slave 1
34
22
010 0010b
L
H
L
H
Slave 2
35
23
010 0011b
L
H
L
F
Slave 3
36
24
010 0100 b
L
H
H
L
Slave 4
37
25
010 0101b
L
H
H
H
Slave 5
38
26
010 0110b
L
H
H
F
Slave 6
39
27
010 0111b
L
H
F
L
Slave 7
40
28
010 1000 b
L
H
F
H
Slave 8
41
29
010 1001b
L
H
F
F
Slave 9
42
2A
010 1010b
L
F
L
L
Slave 10
43
2B
010 1011b
L
F
L
H
Slave 11
44
2C
010 1100b
L
F
L
F
Slave 12
45
2D
010 1101b
L
F
H
L
Slave 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com