Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Electrical Characteristics
M08035, M08045 Data Sheet V1
MACOM
™
7
080x5-DSH-001
Table 1-6.
Digital Input/Output Electrical Characteristics
Symbol
Parameter
Note
Minimum
Maximum
Unit
VOH
Output Logic High
1
0.80 x DVDDIO
—V
VOL
Output Logic Low
2
—
0.2 x DVDDIO
V
VIH
Input Logic High
—
0.85 x DVDDIO
DVDDIO + 0.5
V
VIF
Input Logic Floating
—
0.25 x DVDDIO
0.75 x DVDDIO
V
VIL
Input Logic Low
—
0
0.15 x DVDDIO
V
NOTE:
1.
IOH = -3 mA
2.
IOL = 3 mA
Table 1-7.
Reclocker Specifications (M08035)
Symbol
Parameter
Conditions
Note
Minimum
Typical
Maximum
Unit
tLOCK
Lock time (asynchronous)
Automatic rate detection enabled
1
—
—
6
ms
FLBW, PEAK
Loop bandwidth peaking
1
—
0.1
—
dB
FLBW
Loop bandwidth
(nominal setting)
HD operation (1.485 Gbps)
1
—
0.85
—
MHz
SD operation (270 Mbps)
1
—
0.17
—
JTOL
Input jitter tolerance
HD, and SD operation
2
> 0.6
—
—
UI p-p
JGEN
Total Output jitter
HD operation (1.485 Gbps)
2, 3
—
0.04
0.06
UI p-p
SD operation (270 Mbps)
2, 3
—
0.02
0.05
NOTE:
1.
0.2 UI input jitter applied at SDI input.
2.
Measured with PRBS210-1.
3.
Input jitter = 20 ps p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com