Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Electrical Characteristics
M08035, M08045 Data Sheet V1
MACOM
™
6
080x5-DSH-001
Table 1-5.
High Speed Output Electrical Specifications
Symbol
Parameter
Conditions
Note
Minimum
Typical
Maximum
Unit
DR
Output data rate (M08035) SD Operation
—
270
—
Mbps
HD Operation
—
1485, 1483.5
—
Reclocker bypassed
18
—
3400
DR
Output data rate (M08045) SD Operation
—
270
—
Mbps
HD Operation
—
1485, 1483.5
—
3G Operation
—
2970, 2967
—
Reclocker bypassed
18
—
3400
FCLOCK
Serial clock output
frequency (M08035)
SD Operation
1, 7
—
270
—
MHz
HD Operation
—
1485, 1483.5
—
FCLOCK
Serial clock output
frequency (M08045)
SD Operation
1, 7
—
270
—
MHz
HD Operation
—
1485, 1483.5
—
3G Operation
—
2970, 2967
—
VOUT
Differential Output Swing
(peak to peak, differential)
Swing Level 1
2
470
600
720
mVPPD
Swing Level 2
2
600
800
970
Swing Level 3
2,3
960
1200
1500
VOCM
Output common mode
voltage
DC coupled
2, 6
—
AVDDO-VOUT/4
—
tR/tF
SDO output Rise/Fall Time
From 20%-80% of the swing for
all levels
—
85
130
ps
tR/tF Δ
Rise/Fall Time Mismatch
From 20%-80% of the swing for
all levels
6—
—
30
ps
DCDDATA
Output duty cycle
distortion
For all data rates
4
—
—
15
ps
ROUT
Output Termination to
AVDDO
40
50
60
Ω
DE
Output De-Emphasis
5
—
0, 2, 4, 6
—
dB
NOTE:
1.
Serial clock output enabled.
2.
Differential swing is maximum output level (De-emphasis is disabled or max level when de-emphasis is enabled), max level includes overshoot.
3.
1200 mVPPD requires AVDDO to be 1.8 V or higher.
4.
Measured in reclocked mode.
5.
These values correspond to: off, small, medium, and large respectively. The small setting is not available in hardware mode.
6.
Guaranteed by design.
7.
See Section 4.7 for information on clock data alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com