Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 12 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 12 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Pinout Diagram, Pin Description, and Package Drawing
M08035, M08045 Data Sheet V1
MACOM
™
12
080x5-DSH-001
MF0
1
CMOS Input
Four-wire serial control Mode: Serial clock input (SCLK)
Two-wire serial control Mode: Clock input from master host (SCL)
Hardware Mode: Unused
MF1
2
CMOS Input
Four-wire serial control Mode: Serial data output (SO)
Two-wire serial control Mode: Serial data I/O (SDA)
Hardware Mode: Unused
MF2
3
CMOS Input
Four-wire serial control Mode: Serial data in (SI)
Two-wire serial control Mode: Address bit 0 (ADD0)
Hardware Mode: Input trace equalization control for all SDI inputs (IE_CTRL)
H = Large Input EQ
F = Medium Input EQ
L = Input EQ disabled
MF3
4
CMOS Input
Four-wire serial control Mode: Active low chip select (xCS)
Two-wire serial control Mode: Address bit 1 (ADD1)
Hardware Mode: Output de-emphasis (DE) control for SDO outputs (DE_CTRL)
H = Large Output DE
F = Medium Output DE
L = DE disabled
MF4
22
CMOS Input
Four-wire serial control Mode: Not used. Tie to DVDDIO or leave floating
Two-wire serial control Mode: Address bit 2 (ADD2)
Hardware Mode: Reclocker bypass control (RC_BYPASS)
L/F = Normal operation, Reclocker not bypassed
H = Reclocker bypassed
MF5
28
CMOS Input
Four-wire serial control Mode: Not used. Tie to AVSS or leave floating
Two-wire serial control Mode: Address bit 3 (ADD3)
Hardware Mode: SDO disable control for all outputs (SDO_DIS)
H = SDO disabled output logic high
L/F = SDO enabled
NC
10
Reserved
Do not connect
Table 3-1.
M08035/M08045 Pin Description (2 of 2)
Pin Name
Pin Number(s)
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com