Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 38 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 38 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
M08035, M08045 Data Sheet V1
MACOM
™
38
080x5-DSH-001
5.0 Control Registers Map and Descriptions
Table 5-1.
M08035/M08045 Register Map (1 of 2)
Addr
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R/W
Input/Output Configuration
00h
Input EQ Config 0
RSVD
RSVD
IE0[1]
IE0[0]
RSVD
RSVD
RSVD
RSVD
00h
R/W
01h
Input EQ Config 1
RSVD
RSVD
RSVD
RSVD
IE1[1]
IE1[0]
RSVD
RSVD
00h
R/W
02h
Input EQ Config 2
RSVD
RSVD
RSVD
RSVD
IE2[1]
IE2[0]
RSVD
RSVD
00h
R/W
03h
Input EQ Config 3
RSVD
RSVD
RSVD
RSVD
IE3[1]
IE3[0]
RSVD
RSVD
00h
R/W
04h
Input Polarity Flip 0
RSVD
RSVD
POL1
RSVD
RSVD
POL0
RSVD
RSVD
00h
R/W
05h
Input Polarity Flip 1
RSVD
RSVD
POL3
RSVD
RSVD
RSVD
POL2
RSVD
00h
R/W
06h
LOS Config/CLK EN
LVL[2]
LVL[1]
LVL[0]
F_LOS
NVRSQ
SQPOL
RSVD
SCLK_EN
20h
R/W
07h
Input MUX CTRL
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
IN[1]
IN[0]
40h
R/W
08h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
C8h
R/W
09h
SDOA CTRL
RSVD
RSVD
RSVD
RSVD
LVL_A[1]
LVL_A[0]
DE_A[1]
DE_A[0]
88h
R/W
0Ah
SDOB CTRL DE
RSVD
RSVD
DE_B[1]
DE_B[0]
RSVD
RSVD
RSVD
RSVD
00h
R/W
0Bh
Output CTRL
RSVD
RSVD
RSVD
SDOA_MUTE
SCLK_LVL[1]
SCLK_LVL[0]
RSVD
RSVD
08h
R/W
0Ch
SDOB CTRL
RSVD
RSVD
RSVD
RSVD
RSVD
SDOB_EN
RSVD
RSVD
02h
R/W
0Dh
GBL CTRL1
RSVD
RSVD
RSVD
RSVD
FORCESDION
RSVD
OFFLOOP
PDALL
00h
R/W
0Eh
Interrupt CTRL
RSVD
RSVD
RSVD
RSVD
INT[3]
INT[2]
INT[1]
INT[0]
00h
R/W
0Fh
MicReg
RSVD
RSVD
MICDEV
MICDEV
MICDEV
MICDEV
MICDEV
MICDEV
00h
R/W
Reclocker Configuration
10h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
30h
R/W
11h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
00h
R/W
12h
RCLK CTRL 0
RSVD
RSVD
RSVD
RSVD
RATE[1]
RATE[0]
BYPASS
PDOWN
00h
R/W
13h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
00h
R/W
14h
RCLK CTRL 1
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
BYPDIS
00h
R/W
15h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
00h
R/W
16h
RCLK BW CTRL
RSVD
BW[2]
BW[1]
BW[0]
RSVD
RSVD
RSVD
RSVD
20h
R/W
17h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
C0h
R/W
18h
RSVD
RSVD
RSVD
SDALG
RSVD
RSVD
RSVD
RSVD
RSVD
C8h
R/W
19h
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
03h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com