Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 39 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 39 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
39
080x5-DSH-001
Checksum for Memory Interface Configuration
1Ah
CHECKSUM
CHKSUM
CHKSUM
CHKSUM
CHKSUM
CHKSUM
CHKSUM
CHKSUM
CHKSUM
55h
R/W
Status/Monitoring Registers
80h
MASTER RESET
RST
RST
RST
RST
RST
RST
RST
RST
00h
R/W
81h
CHIP ID
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
0Bh
R
82h
CHIP REV
REV[7]
REV [6]
REV [5]
REV [4]
REV [3]
REV [2]
REV [1]
REV [0]
04h
R
83h
LOS STATUS 0
RSVD
RSVD
LOS1
RSVD
RSVD
LOS0
RSVD
RSVD
00h
R
84h
LOS STATUS 1
RSVD
RSVD
LOS3
RSVD
RSVD
RSVD
LOS2
RSVD
00h
R
85h
CLEAR ALARMS
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
SOFTRST
CLRALARMS
00h
R/W
87h
CHECKSUM RESULT
CHKRES
CHKRES
CHKRES
CHKRES
CHKRES
CHKRES
CHKRES
CHKRES
00h
R/W
88h
RCLK ALARMS
RSVD
RSVD
NOREF
REFLOL
RSVD
RSVD
RSVD
LOL
00h
R
89h
RCLK RATE DETECT
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RATE[1]
RATE[0]
00h
R
96h
LOL CONFIG
RSVD
MASK[0]
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
00h
R/W
NOTE:
1.
RSVD are reserved bits that should never be changed from the default level.
Table 5-1.
M08035/M08045 Register Map (2 of 2)
Addr
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com