Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 44 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 44 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 47Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 48Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
44
080x5-DSH-001
Register Address: 0Ch
Default:
02h
Register Name:
SDOB Control
Description:
Enable for second data output.
Register Address: 0Dh
Default:
00h
Register Name:
Global Control1
Description:
Controls Global Configuration
Register Address: 0Eh
Default:
00h
Register Name:
Interrupt Control
Description:
Sets configuration for xALARM Output pin
Bit
Bit Description
Default
R/W
7:3
Reserved
00000b
R/W
2
0b: SDOB output disabled
1b: SDOB output enabled
0b
R/W
1:0
Reserved
10b
R/W
Bit
Bit Description
Default
R/W
7:4
Reserved
0000b
R/W
3
0b: Inputs that are not used are powered down
1b: All inputs are forced on
0b
R/W
2
Reserved
0b
R/W
1
0b: Input offset correction loop On (all inputs)
1b: Input offset correction loop Off (all inputs)
0b
R/W
0
0b: Normal Operation
1b: Global Power Down
0b
R/W
Bit
Bit Description
Default
R/W
7:4
Reserved
00000b
R/W
3
0b: xALARM output is used in Interrupt mode
1b: Not supported
0b
R/W
2:0
000b: xALARM pulse width = 140 ns
001b: xALARM pulse width = 180 ns
010b: xALARM pulse width = 200 ns
011b: xALARM pulse width = 300 ns
100b: xALARM pulse width = 450 ns
101b: xALARM pulse width = 800 ns
110b: xALARM pulse width = 1.5 µs
111b: xALARM pulse width = 2.8 µs
Measured with a 10 k
Ω pull up resistor. Actual pulse width varies with the value of the pull-up resistor.
000b
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com