Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M08045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
M08035, M08045 Data Sheet V1
MACOM
™
3
080x5-DSH-001
1.0 Electrical Characteristics
Unless noted otherwise, specifications apply for typical recommended operating conditions shown in Table 1-2,
with DVDDO = 1.2 V, AVDDCORE = 1.2 V, DVDDCORE = 1.2 V, AVDDI = 1.2 V, PCML inputs/outputs at 800 mVPPD
(RLOAD = 50 Ω), and PRBS 2
10 – 1 test pattern at 2.97 Gbps.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Note
Minimum
Maximum
Unit
AVDDI
Analog supply for input circuitry
1, 3
-0.5
3.6
V
AVDDO
Analog supply for output circuitry
1, 3
-0.5
3.6
V
DVDDIO
Digital supply for input/output circuitry
1, 3
-0.5
3.6
V
DVDDCORE
Digital core positive supply
1, 3
-0.5
1.5
V
AVDDCORE
Analog core positive supply
1, 3
-0.5
1.5
V
TSTORE
Storage Temperature
1, 3
-65
150
°C
VMAX, IO
Maximum/minimum input/output voltage on any input/output
pin
1, 3
-0.5
AVDDI+0.5
V
VESD, HBM
Human Body Model (HBM)
1, 2, 3
-2
2
kV
VESD, CDM
Charge Device Model (CDM)
1, 2, 3
-500
500
V
LU
Latch Up @ 85 °C
1, 3
-150
150
mA
NOTES:
1.
Exposure of the device beyond the minimum/maximum limits may cause permanent damage. Limits listed in the above table are stress limits
only, and do not imply functional operation within these limits.
2.
HBM and CDM per JEDEC Class 2 (JESD22-A114-B).
3.
Limits listed in the above table are stress limits only and do not imply functional operation within these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com