Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Pinout Diagram, Pin Description, and Package Drawing
M08035, M08045 Data Sheet V1
MACOM
™
16
080x5-DSH-001
Figure 3-8.
3-State/I-Digital
Figure 3-9.
O-Digital
AVSS
INPUT
AVSS
2.0kΩ
VREF_HIGH
AVSS
VREF_LOW
100 kΩ
100kΩ
AVSS
DVDDIO
DVDDIO
DVDDIO
DVDDIO
AVSS
OUTPUT
DVDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com