Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M08045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Electrical Characteristics
M08035, M08045 Data Sheet V1
MACOM
™
5
080x5-DSH-001
Table 1-4.
High Speed Input Electrical Specifications
Symbol
Parameter
Conditions
Note
Minimum
Typical
Maximum
Unit
DR
Input data rate (M08035)
SD Operation
—
270
—
Mbps
HD Operation
—
1485, 1483.5
—
Mbps
Reclocker bypassed
18
—
3400
Mbps
DR
Input data rate (M08045)
SD Operation
—
270
—
Mbps
HD Operation
—
1485, 1483.5
—
Mbps
3G Operation
—
2970, 2967
—
Mbps
Reclocker bypassed
18
—
3400
Mbps
VIN
Differential input voltage
At the chip input (point blank)
Input equalization disabled
LOS enabled (default setting)
1, 3
300
800
1600
mVPPD
VICM
Input common mode
voltage
At the chip input (point blank)
Input equalization disabled
LOS enabled
AVDDI-0.6
—
AVDDI+0.1
V
RIN
Input Termination to
AVDDI
40
50
60
Ω
IE
Input Equalization
2
—
0, 2, 4, 6
—
dB
IIN
Maximum high-speed
input current
4
-100
100
mA
NOTE:
1.
For example, 1200 mVPPD = 600 mVPP for each single-ended terminal.
2.
These values correspond to: off, small, medium, and large respectively. The small setting is not available in hardware mode.
3.
When using long traces and input equalization enabled, MACOM recommends a minimum input swing of 400 mVPPD. With video stress
patterns, DC coupling produces the best results.
4.
Exposure of the device beyond the minimum/maximum limits may cause permanent damage. Limits listed in the above table are stress limits
only, and do not imply functional operation within these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com