Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 24 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 24 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
24
080x5-DSH-001
4.5
Logic Signals
To allow interfacing to logic levels other than the 1.2 V core voltage, or any of the analog input and output supplies,
the digital interface signals are referenced to DVDDIO which is an isolated power domain. DVDDIO may be supplied
from any voltage ranging from 1.2 V to 3.3 V. Many digital control pins have three states, high (H), low (L), or
floating (F). In order to assert the F or floating state, the pin must be left unconnected or undriven.
4.6
Control Modes
The M08035/M08045 may be configured in four separate control modes. The control mode is determined by the
setting of the MODE_SEL pin as shown in Table 4-1 below.
The MIC mode is a subset of the two-wire Interface mode and is initiated by writing to special reserved address
when the device is set in two-wire Interface mode.
Table 4-1.
Control Mode Setting
MODE_SEL
Control Mode
MODE_SEL = F
Hardware Control Mode (HIC)
MODE_SEL = H
Four-wire Serial Interface Control Mode (SIC4 or SPI)
MODE_SEL = L
Two-wire Serial Interface control Mode (SIC2 or I2C)
Memory Interface Configuration Mode (MIC)
When the reclocker is configured through an external EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com