Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 25 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 25 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
25
080x5-DSH-001
4.6.1
HIC Mode
Configuring the M08035/M08045 in hardware mode avoids the complication of adding a microcontroller, but offers
limited control options. When in hardware mode, the MF (Multi Function IO) pins are configured as shown in
Table 4-2 below.
4.6.2
Four-wire Interface Mode (SIC4)
In this mode, a four-wire serial interface is used to program the device's internal registers, configuring the operation
of the M08035/M08045. When in SIC4 mode, MF[0:3] pins comprise the four-wire bus as shown in Table 4-3 below.
The interface shifts data in from the external controller on the rising edge of SCLK. The serial I/O operation is gated
by xCS. Data is shifted in to the M08035/M08045 from the Host (Master) to SI on the falling edge of SCLK, and
shifted out through SO on the rising edge of SCLK. To address a register, a 10-bit input needs to be shifted,
consisting of the first bit (Start Bit, SB = 1), the second bit (Operation Bit, OP = 1 for read, = 0 for write), and the 8-
bit address (MSB first).
Table 4-2.
MF Pin Configuration in Hardware Mode
MF
HIC Mode Pin Name
Function
MF2
IE_CTRL
Input trace equalization control for all SDI inputs
H = 6 dB Input EQ
F = 2 dB Input EQ
L = 0 dB Input EQ
MF3
DE_CTRL
Output de-emphasis (DE) control for all SDO outputs
H = 6 dB of output DE
F = 4 dB of output DE
L = 0 dB output DE
MF4
RC_BYPASS
Reclockers bypass control for all outputs
L/H = Normal operation, Reclocker not bypassed
H = Reclocker bypassed
MF5
SDO_DIS
SDO disable control for all outputs
H = SDO disabled output logic high
L/F = SDO enabled
NOTE:
In this mode, xALARM is not supported.
Table 4-3.
MF Pin Configuration in Four-wire Interface Mode
MF
SIC4 Mode Pin Name
Function
MF0
SCLK
Serial clock input
MF1
SO
Serial data output
MF2
SI
Serial Data input
MF3
xCS
Chip Select (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com