Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M08045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
M08035, M08045 Data Sheet V1
MACOM
™
October 2014
080x5-DSH-001
M08035/M08045
SD, HD, 3G Multi-rate Reclocker
Applications
• Surveillance/CCTV Cameras
• Industrial and Professional Cameras
• Digital Video Recorders (DVR)
• Video Mixers and Switchers
• Digital Image Transmitter Devices
• Distribution Amplifiers
• Repeaters
The M08035/M08045 are serial digital video reclockers with integrated trace equalization and automatic rate detect (ARD)
circuitry. The M08035 operates at data rates of 270 Mbps and 1485 Mbps, while the M08045 operates at data rates of
270 Mbps, 1485 Mbps, and 2970 Mbps.
The M08035/M08045 have an input jitter tolerance (IJT) of greater than 0.6 unit intervals (UI) and can provide retimed serial
outputs with very low output jitter. The reclocker requires a single, external, 27 MHz crystal, which is used as the reference
clock. It includes per lane input equalization for up to 40" of FR4 trace and two connectors in addition to output de-emphasis.
These devices feature integrated supply regulators, allowing them to be powered from 1.2 V, 1.8 V, 2.5 V, or 3.3 V supply
voltages. When operating at 1.2 V, they consume only 230 mW at 3G and HD. Furthermore, the power rails for the core, input,
and output circuitry are electrically independent and as such may be connected to different voltage rails on the board. This
feature enables the M08035/M08045 to be DC coupled to any upstream or downstream device regardless of its input/output
voltage level.
These devices may be configured by setting the internal registers though standard two-wire and four-wire interfaces. Limited
configuration is also possible through hardware pin settings.
The M08035/M08045 are offered in green and RoHS compliant, 6 mm x 6 mm, 40-pin QFN packages.
M08035/M08045 Block Diagram
IE
IE
IE
IE
SDOAN
SDOAP
SDOB/SCLKON
SDOB/SCLKOP
4:1
Mux
Reclocker
SDI0N
SDI0P
SDI1N
SDI1P
SDI2N
SDI2P
SDI3N
SDI3P
50Ω Buffer
W/ DE
50Ω Buffer
W/ DE
Features
• Greater than 0.6 UI Input Jitter Tolerance
• Integrated 50
Ω input termination
• Input equalization and output de-emphasis for 40" of FR4 trace
• 230 mW power consumption (1.2 V operation)
• Integrated regulators for multi-voltage operation (1.2 V - 3.3 V)
• Electrically independent input, output, and core supply rails
• Output enable/disable and configurable auto or manual bypass mode
• Automatic and manual modes for rate indication and selection
• Loss of Lock (LOL), Loss of Signal (LOS) and data rate Indication
• Two-wire and four-wire serial interface programmability
• Industrial operating temperature range (-40 °C to +85 °C)
• Optional recovered serial clock output


Similar Part No. - M08045

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
More results

Similar Description - M08045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
M/A-COM Technology Solu...
M21315 MA-COM-M21315 Datasheet
163Kb / 2P
HD/SD Auto-Rate Reclocker
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
HD/SD Broadcast Video Multi-rate Automatic Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com