Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 42 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 42 Page - M/A-COM Technology Solutions, Inc.

Back Button M08045 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 44Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 45Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 46Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Control Registers Map and Descriptions
M08035, M08045 Data Sheet V1
MACOM
™
42
080x5-DSH-001
Register Address: 06h
Default:
20h
Register Name:
LOS Config/CLK EN
Description:
Sets configuration for Loss of Signal alarm/Enables serial clock output buffer
Register Address: 07h
Default:
40h
Register Name:
Input Mux Control
Description:
Selects the input that is selected for the serial data output
Bit
Bit Description
Default
R/W
7:5
000b: 70 mVPPD assert, 80 mVPPD de-assert
001b: 80 mVPPD assert, 90 mVPPD de-assert [default]
010b: 90 mVPPD assert, 100 mVPPD de-assert
011b: 100 mVPPD assert, 110 mVPPD de-assert
100b: 110 mVPPD assert, 120 mVPPD de-assert
101b: 120 mVPPD assert, 130 mVPPD de-assert
110b: 130 mVPPD assert, 140 mVPPD de-assert
111b: LOS power down (globally applied for all input channels)
001b
R/W
4
0b: Normal LOS operation
1b: Force LOS to asserted
0b
R/W
3
0b: Squelch input upon LOS assertion
1b: Never squelch input upon LOS assertion
0b
R/W
2
0b: Squelch to logic high state
1b: Squelch to logic low state
0b
R/W
1
Reserved
0b
R/W
0
0b: Serial clock output is disabled
1b: Serial clock output is enabled (output level controlled by reg0Bh[3:2])
0b
R/W
Bit
Bit Description
Default
R/W
7:2
Reserved
010000b
R/W
1:0
00b: select input 0 to SDO
01b: select input 1 to SDO
10b: select input 2 to SDO
11b: select input 3 to SDO
00b
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com