Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
37
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
Table 12 shows the PCMCIA timing for the MPC875/870.
Table 12. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA
strobe asserted 1
(MIN = 0.75
× B1 – 2.00)
1 PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAITA signals are detected in order to freeze (or relieve) the PCMCIA
current cycle. The WAITA assertion will be effective only if it is detected 2 cycles before the PSL timer expiration.
See Chapter 16, “PCMCIA Interface,” in the MPC885 PowerQUICC Family User’s Manual.
20.70
—
16.70
—
9.40
—
7.40
—
ns
P45
A(0:31), REG valid to ALE
negation1
(MIN = 1.00
× B1 – 2.00)
28.30
—
23.00
—
13.20
—
10.50
—
ns
P46
CLKOUT to REG valid
(MAX = 0.25
× B1 + 8.00)
7.60
15.60
6.30
14.30
3.80
11.80
3.13
11.13
ns
P47
CLKOUT to REG invalid
(MIN = 0.25
× B1 + 1.00)
8.60
—
7.30
—
4.80
—
4.125
—
ns
P48
CLKOUT to CE1, CE2 asserted
(MAX = 0.25
× B1 + 8.00)
7.60
15.60
6.30
14.30
3.80
11.80
3.13
11.13
ns
P49
CLKOUT to CE1, CE2 negated
(MAX = 0.25
× B1 + 8.00)
7.60
15.60
6.30
14.30
3.80
11.80
3.13
11.13
ns
P50
CLKOUT to PCOE, IORD, PCWE,
IOWR assert time (MAX =
0.00
× B1 + 11.00)
—
11.00
—
11.00
—
11.00
—
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE,
IOWR negate time (MAX =
0.00
× B1 + 11.00)
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time (MAX
= 0.25
× B1 + 6.30)
7.60
13.80
6.30
12.50
3.80
10.00
3.13
9.40
ns
P53
CLKOUT to ALE negate time (MAX
= 0.25
× B1 + 8.00)
—
15.60
—
14.30
—
11.80
—
11.13
ns
P54
PCWE, IOWR negated to D(0:31)
invalid1(MIN – = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.125
—
ns
P55
WAITA and WAITB valid to
CLKOUT rising edge1
(MIN = 0.00
× B1 + 8.00)
8.00
—
8.00
—
8.00
—
8.00
—
ns
P56
CLKOUT rising edge to WAITA and
WAITB invalid1 (MIN = 0.00
× B1 +
2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com