Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
62
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
Figure 58. SMC Transparent Timing Diagram
13.9 SPI Master AC Electrical Specifications
Table 26 provides the SPI master timings as shown in Figure 59 and Figure 60.
Table 26. SPI Master Timing
Num
Characteristic
All
Frequencies
Unit
Min
Max
160
MASTER cycle time
4
1024
tcyc
161
MASTER clock (SCK) high or low time
2
512
tcyc
162
MASTER data setup time (inputs)
15
ns
163
Master data hold time (inputs)
0
ns
164
Master data valid (after SCK edge)
10
ns
165
Master data hold time (outputs)
0
ns
166
Rise time output
15
ns
167
Fall time output
15
ns
SMCLK
SMRXD
(Input)
152
150
SMTXD
(Output)
152
151
SMSYNC
151
154
153
155
154
155
NOTE
NOTE:
This delay is equal to an integer number of character-length clocks.
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com