Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC875 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
Freescale Semiconductor
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5
Features
– CRC16 generation and checking
– CRC5 checking
– NRZI encoding/decoding with bit stuffing
– 12- or 1.5-Mbps data rate
– Flexible data buffers with multiple buffers per frame
– Automatic retransmission upon transmit error
— The USB host controller has the following features:
– Supports control, bulk, interrupt, and isochronous data transfers
– CRC16 generation and checking
– NRZI encoding/decoding with bit stuffing
– Supports both 12- and 1.5-Mbps data rates (automatic generation of preamble token and data
rate configuration). Note that low-speed operation requires an external hub.
– Flexible data buffers with multiple buffers per frame
– Supports local loopback mode for diagnostics (12 Mbps only)
Serial peripheral interface (SPI)
— Supports master and slave modes
— Supports multiple-master operation on the same bus
Inter-integrated circuit (I2C) port
— Supports master and slave modes
— Supports a multiple-master environment
The MPC875 has a time-slot assigner (TSA) that supports one TDM bus (TDMb).
— Allows SCC and SMC to run in multiplexed and/or non-multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame synchronization, and clocking
— Allows dynamic changes
— Can be internally connected to two serial channels (one SCC and one SMC)
PCMCIA interface
— Master (socket) interface, release 2.1-compliant
— Supports one independent PCMCIA socket on the MPC875/MPC870
— 8 memory or I/O windows supported
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two
operate on data
— Supports conditions: =
≠ < >
— Each watchpoint can generate a break point internally.
Normal high and normal low power modes to conserve power
1.8-V core and 3.3-V I/O operation with 5-V TTL compatibility
The MPC875/870 comes in a 256-pin ball grid array (PBGA) package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com