Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
72
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mechanical Data and Ordering Information
NOTE: This is the top view of the device.
Figure 68. Pinout of the PBGA Package—JEDEC Standard
Table 36 contains a list of the MPC875/870 input and output signals and shows multiplexing and pin assignments.
Table 36. Pin Assignments—JEDEC Standard
Name
Pin Number
Type
A[0:31]
R16, N14, M14, P15, P17, P16, N15, N16, M15, N17, L14, M16,
L15, M17, K14, L16, L17, K17, G17, K15, J16, J15, G16, J14, H17,
H16, G15, K16, H14, J17, H15, F17
Bidirectional
Three-state (3.3 V only)
TSIZ0
REG
F16
Bidirectional
Three-state (3.3 V only)
MODCK2
IPA7
IPA4
D31
D29
D7
D18
D5
D3
D11
D10
N/C
EXTCLK MODCK1
OP0
ALEA
IPB0
BURST
IRQ6
BR
TEA
BI
CS0
CS3
CS5
N/C
RSTCONF SRESET BADDR29
OP1
XTAL
IPA2
WAITA PORESET
EXTAL BADDR30
IPB1
BG
GPLA4
GPLA5
WR
CE2A
CS7
WE2
IPA5
IPA3
VDDSYN
AS
ALEB
IRQ2
BB
HRESET BADDR28
IRQ3
D30
IPA6
TS
TA
BDIP
CS2
CE1A
GPLAB3
GPLA0
CS1
GPLB4
CS4
GPLAB2
WE0
BSA1
BSA2
B
C
D
E
D28
CLKOUT
D22
D6
D24
D19
D20
D15
D16
D2
D27
D9
D12
D1
D23
D17
PE22
D4
D8
PE25
TSIZ0
A31
A22
A18
A25
A24
A20
A29
G
H
J
F
A27
A17
A15
A16
A11
A13
A7
A9
A5
A4
A0
PB29
K
L
VDDH
M
N
PE26
PD8
PA1
N/C
PB30
PE27
PE20
PE23
MII-TX-EN
PE17
PE21
PC7
PB19
PB24
TDI
TMS
PC12
PA14
N/C
PE15
PE29
PE24
PC13
MII-CRS
PC10
PB23
PB25
TRST
GND
P
R
T
PE16
234567
89
10
11
12
13
14
15
16
IPA1
D26
D25
D14
D0
PE18
IRQ7
IRQ1
PA3
PB31
PA0
PE14
PE31
PC6
PA6
PC11
TDO
PA15
A3
PA4
PE28
PE30
PA11
MII_COL
PA7
TCK
PB28
PC15
PE19
BSA0
BSA3
TSIZ1
A26
A28
A30
A23
A21
A14
A19
A10
A12
A2
A8
A1
A6
IRQ4
VSSSYN
WE1
PA10
D13
D21
VSSSYN1
CS6
OE
PA2
PB26
PB27
TEXP
17
U
IRQ0
IPA0
MII_MDIO
WE3
VDDH
VDDH
VDDH
VDDH
VDDH
VDDH
VDDH
VDDH
VDDL
VDDL
VDDL
VDDL
VDDL
VDDL
VDDL
VDDL
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com