Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC875 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
2
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Features
Table 1 shows the functionality supported by the members of the MPC875/MPC870.
2Features
The MPC875/870 is comprised of three modules that each use the 32-bit internal bus: a MPC8xx core, a system
integration unit (SIU), and a communications processor module (CPM).
The following list summarizes the key MPC875/870 features:
•
Embedded MPC8xx core up to 133 MHz
•
Maximum frequency operation of the external bus is 80 MHz (in 1:1 mode)
— The 133-MHz core frequency supports 2:1 mode only.
— The 66-/80-MHz core frequencies support both the 1:1 and 2:1 modes.
•
Single-issue, 32-bit core (compatible with the PowerPC architecture definition) with thirty-two 32-bit
general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch and without conditional execution.
— 8-Kbyte data cache and 8-Kbyte instruction cache (see Table 1)
– Instruction cache is two-way, set-associative with 256 sets in 2 blocks
– Data cache is two-way, set-associative with 256 sets
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word) cache
blocks.
– Caches are physically addressed, implement a least recently used (LRU) replacement algorithm, and
are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully associative instruction and data TLBs
— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address spaces
and 16 protection groups
— Advanced on-chip emulation debug mode
•
Up to 32-bit data bus (dynamic bus sizing for 8, 16, and 32 bits)
•
32 address lines
•
Memory controller (eight banks)
— Contains complete dynamic RAM (DRAM) controller
— Each bank can be a chip select or RAS to support a DRAM bank.
— Up to 30 wait states programmable per memory bank
— Glueless interface to DRAM, SIMMS, SRAM, EPROMs, Flash EPROMs, and other memory devices
— DRAM controller programmable to support most size and speed memory interfaces
— Four CAS lines, four WE lines, and one OE line
Table 1. MPC875/870 Devices
Part
Cache
Ethernet
SCC
SMC
USB
Security
Engine
I Cache
D Cache
10BaseT
10/100
MPC875
8 Kbyte
8 Kbyte
1
2
1
1
1
Yes
MPC870
8 Kbyte
8 Kbyte
—
2
—
1
1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com