Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
8
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Maximum Tolerated Ratings
This device contains circuitry protecting against damage due to high-static voltage or electrical fields; however, it
is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages
to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic
voltage level (for example, either GND or VDDH).
Table 2. Maximum Tolerated Ratings
Rating
Symbol
Value
Unit
Supply voltage 1
1 The power supply of the device must start its ramp from 0.0 V.
VDDL (core
voltage)
–0.3 to 3.4
V
VDDH (I/O
voltage)
–0.3 to 4
V
VDDSYN
–0.3 to 3.4
V
Difference
between
VDDL and
VDDSYN
<100
mV
Input voltage 2
2 Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction applies to power
up and normal operation (that is, if the MPC875/870 is unpowered, a voltage greater than 2.5 V must not be applied
to its inputs).
Vin
GND – 0.3 to
VDDH
V
Storage temperature range
Tstg
–55 to +150
°C
Table 3. Operating Temperatures
Rating
Symbol
Value
Unit
Temperature 1 (standard)
1 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0°C
Tj(max)
95
°C
Temperature (extended)
TA(min)
–40
°C
Tj(max)
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com