Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
70
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
FEC Electrical Characteristics
15.4 MII Serial Management Channel Timing (MII_MDIO, MII_MDC)
Table 34 provides information on the MII serial management channel signal timing. The FEC functions correctly
with a maximum MDC frequency in excess of 2.5 MHz. The exact upper bound is under investigation.
Figure 67 shows the MII serial management channel timing diagram.
Figure 67. MII Serial Management Channel Timing Diagram
Table 34. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
MII_MDC falling edge to MII_MDIO output invalid (minimum
propagation delay)
0—
ns
M11
MII_MDC falling edge to MII_MDIO output valid (max prop delay)
—
25
ns
M12
MII_MDIO (input) to MII_MDC rising edge setup
10
—
ns
M13
MII_MDIO (input) to MII_MDC rising edge hold
0
—
ns
M14
MII_MDC pulse width high
40%
60%
MII_MDC period
M15
MII_MDC pulse width low
40%
60%
MII_MDC period
M11
MII_MDC (output)
MII_MDIO (output)
M12
M13
MII_MDIO (input)
M10
M14
MM15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com