Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
67
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
USB Electrical Characteristics
Figure 63 shows the I2C bus timing.
Figure 63. I2C Bus Timing Diagram
14 USB Electrical Characteristics
This section provides the AC timings for the USB interface.
14.1 USB Interface AC Timing Specifications
The USB Port uses the transmit clock on SCC1. Table 30 lists the USB interface timings.
15 FEC Electrical Characteristics
This section provides the AC electrical specifications for the fast Ethernet controller (FEC). Note that the timing
specifications for the MII signals are independent of system clock frequency (part speed designation). Also, MII
signals use TTL signal levels compatible with devices operating at either 5.0 V or 3.3 V.
15.1 MII and Reduced MII Receive Signal Timing
The receiver functions correctly up to a MII_RX_CLK maximum frequency of 25 MHz +1%. The reduced MII
(RMII) receiver functions correctly up to a RMII_REFCLK maximum frequency of 50 MHz + 1%. There is no
minimum frequency requirement. In addition, the processor clock frequency must exceed the MII_RX_CLK
frequency – 1%.
Table 30. USB Interface AC Timing Specifications
Name
Characteristic
All Frequencies
Unit
Min
Max
US1
USBCLK frequency of operation 1
Low speed
Full speed
1 USBCLK accuracy should be ± 500 ppm or better. USBCLK may be stopped to conserve power.
6
48
MHz
MHz
US4
USBCLK duty cycle (measured at 1.5 V)
45
55
%
SCL
202
205
203
207
204
208
206
209
211
210
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com