Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
12
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Thermal Calculation and Measurement
7.3 Estimation with Junction-to-Board Thermal Resistance
A simple package thermal model that has demonstrated reasonable accuracy (about 20%) is a two-resistor model
consisting of a junction-to-board and a junction-to-case thermal resistance. The junction-to-case thermal resistance
covers the situation where a heat sink is used or where a substantial amount of heat is dissipated from the top of the
package. The junction-to-board thermal resistance describes the thermal performance when most of the heat is
conducted to the printed circuit board. It has been observed that the thermal performance of most plastic packages
and especially PBGA packages is strongly dependent on the board temperature. If the board temperature is known,
an estimate of the junction temperature in the environment can be made using the following equation:
TJ = TB + (RθJB × PD)
where:
RθJB = junction-to-board thermal resistance (ºC/W)
TB = board temperature ºC
PD = power dissipation in package
If the board temperature is known and the heat loss from the package case to the air can be ignored, acceptable
predictions of junction temperature can be made. For this method to work, the board and board mounting must be
similar to the test board used to determine the junction-to-board thermal resistance, namely a 2s2p (board with a
power and a ground plane) and vias attaching the thermal balls to the ground plane.
7.4 Estimation Using Simulation
When the board temperature is not known, a thermal simulation of the application is needed. The simple two-resistor
model can be used with the thermal simulation of the application [2], or a more accurate and complex model of the
package can be used in the thermal simulation.
7.5 Experimental Determination
To determine the junction temperature of the device in the application after prototypes are available, the thermal
characterization parameter (
ΨJT) can be used to determine the junction temperature with a measurement of the
temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
Ψ
JT = thermal characterization parameter
TT = thermocouple temperature on top of package
PD = power dissipation in package
The thermal characterization parameter is measured per the JESD51-2 specification published by JEDEC using a 40
gauge type T thermocouple epoxied to the top center of the package case. The thermocouple should be positioned
so that the thermocouple junction rests on the package. A small amount of epoxy is placed over the thermocouple
junction and over about 1 mm of wire extending from the junction. The thermocouple wire is placed flat against the
package case to avoid measurement errors caused by the cooling effects of the thermocouple wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com