Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
22
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
B33a
CLKOUT rising edge to GPL valid, as
requested by control bit GxT3 in the
corresponding word in the UPM
(MAX = 0.25
× B1 + 6.80)
7.60
14.30
6.30
13.00
3.80
10.50
3.13
10.00
ns
B34
A(0:31), BADDR(28:30), and D(0:31) to
CS valid, as requested by control bit CST4
in the corresponding word in the UPM
(MIN = 0.25
× B1 - 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B34a
A(0:31), BADDR(28:30), and D(0:31) to
CS valid, as requested by control bit CST1
in the corresponding word in the UPM
(MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B34b
A(0:31), BADDR(28:30), and D(0:31) to
CS valid, as requested by CST2 in the
corresponding word in UPM
(MIN = 0.75
× B1 – 2.00)
20.70
—
16.70
—
9.40
—
6.80
—
ns
B35
A(0:31), BADDR(28:30) to CS valid, as
requested by control bit BST4 in the
corresponding word in the UPM
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B35a
A(0:31), BADDR(28:30), and D(0:31) to
BS valid, as requested by BST1 in the
corresponding word in the UPM
(MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B35b
A(0:31), BADDR(28:30), and D(0:31) to
BS valid, as requested by control bit BST2
in the corresponding word in the UPM
(MIN = 0.75
× B1 – 2.00)
20.70
—
16.70
—
9.40
—
7.40
—
ns
B36
A(0:31), BADDR(28:30), and D(0:31) to
GPL valid, as requested by control bit
GxT4 in the corresponding word in the
UPM (MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B37
UPWAIT valid to CLKOUT falling edge 8
(MIN = 0.00
× B1 + 6.00)
6.00
—
6.00
—
6.00
—
6.00
—
ns
B38
CLKOUT falling edge to UPWAIT valid 8
(MIN = 0.00
× B1 + 1.00)
1.00
—
1.00
—
1.00
—
1.00
—
ns
B39
AS valid to CLKOUT rising edge 9
(MIN = 0.00
× B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B40
A(0:31), TSIZ(0:1), RD/WR, BURST, valid
to CLKOUT rising edge
(MIN = 0.00
× B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B41
TS valid to CLKOUT rising edge (setup
time) (MIN = 0.00
× B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
Table 10. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com