Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
18
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
B18
D(0:31) valid to CLKOUT rising edge
(setup time) 4 (MIN = 0.00
× B1 + 6.00)
6.00
—
6.00
—
6.00
—
6.00
—
ns
B19
CLKOUT rising edge to D(0:31) valid (hold
time) 4 (MIN = 0.00
× B1 + 1.00 5)
1.00
—
1.00
—
2.00
—
2.00
—
ns
B20
D(0:31) valid to CLKOUT falling edge
(setup time) 6(MIN = 0.00
× B1 + 4.00)
4.00
—
4.00
—
4.00
—
4.00
—
ns
B21
CLKOUT falling edge to D(0:31) valid
(hold time) 6 (MIN = 0.00
× B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B22
CLKOUT rising edge to CS asserted
GPCM ACS = 00 (MAX = 0.25
× B1 + 6.3)
7.60
13.80
6.30
12.50
3.80
10.00
3.13
9.43
ns
B22a
CLKOUT falling edge to CS asserted
GPCM ACS = 10, TRLX = 0
(MAX = 0.00
× B1 + 8.00)
—
8.00
—
8.00
—
8.00
—
8.00
ns
B22b
CLKOUT falling edge to CS asserted
GPCM ACS = 11, TRLX = 0, EBDF = 0
(MAX = 0.25
× B1 + 6.3)
7.60
13.80
6.30
12.50
3.80
10.00
3.13
9.43
ns
B22c
CLKOUT falling edge to CS asserted
GPCM ACS = 11, TRLX = 0, EBDF = 1
(MAX = 0.375
× B1 + 6.6)
10.90 18.00 10.90 16.00
5.20
12.30
4.69
10.93
ns
B23
CLKOUT rising edge to CS negated
GPCM read access, GPCM write access
ACS = 00, TRLX = 0 & CSNT = 0
(MAX = 0.00
× B1 + 8.00)
2.00
8.00
2.00
8.00
2.00
8.00
2.00
8.00
ns
B24
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 0
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B24a
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11 TRLX = 0
(MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B25
CLKOUT rising edge to OE,
WE(0:3)/BS_B[0:3] asserted
(MAX = 0.00
× B1 + 9.00)
—
9.00
9.00
9.00
—
9.00
ns
B26
CLKOUT rising edge to OE negated
(MAX = 0.00
× B1 + 9.00)
2.00
9.00
2.00
9.00
2.00
9.00
2.00
9.00
ns
B27
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 1
(MIN = 1.25
× B1 – 2.00)
35.90
—
29.30
—
16.90
—
13.60
—
ns
B27a
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11, TRLX = 1
(MIN = 1.50
× B1 – 2.00)
43.50
—
35.50
—
20.70
—
16.75
—
ns
Table 10. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com