Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
Freescale Semiconductor
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
83
Document Revision History
2.0
12/2003
Changed DBGC in the Mandatory Reset Configuration to X1.
Changed the maximum operating frequency to 133 MHz.
Put the timing in the 80 MHz column.
Put in the orderable part numbers.
Rounded the timings to hundredths in the 80 MHz column.
Put the pin numbers in footnotes by the maximum currents in Table 6.
Changed 22 and 41 in the Timing.
Put TBD in the Thermal table.
3.0
1/07/2004
7/19/2004
• Added sentence to Spec B1A about EXTCLK and CLKOUT being in Alignment for
Integer Values
• Added a footnote to Spec 41 specifying that EDM = 1
• Added the thermal numbers to Table 4.
• Added RMII1_EN under M1II_EN in Table 36 Pin Assignments
• Added a tablefootnote to Table 6 DC Electrical Specifications about meeting the VIL
Max of the I2C Standard
• Put the new part numbers in the Ordering Information Section
Table 37. Document Revision History (continued)
Revision
Number
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com