Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
73
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mechanical Data and Ordering Information
TSIZ1
G14
Bidirectional
Three-state (3.3 V only)
RD/WR
D13
Bidirectional
Three-state (3.3 V only)
BURST
B9
Bidirectional
Three-state (3.3 V only)
BDIP
GPL_B5
C13
Output
TS
C11
Bidirectional
Active pull-up (3.3 V only)
TA
C12
Bidirectional
Active pull-up (3.3 V only)
TEA
B12
Open-drain
BI
B13
Bidirectional
Active pull-up (3.3 V only)
IRQ2
RSV
C9
Bidirectional
Three-state (3.3 V only)
IRQ4
KR
RETRY
SPKROUT
E9
Bidirectional
Three-state (3.3 V only)
D[0:31]
L5, N3, L3, L2, R2, K2, H3, G2, R3, M3, N2, M2, M4, N4, K5, K3, K4,
P3, J2, J3, J4, J5, H2, P2, H4, H5, G5, L4, G3, F2, F3, E2
Bidirectional
Three-state (3.3 V only)
CR
IRQ3
E10
Input
FRZ
IRQ6
B10
Bidirectional
Three-state (3.3 V only)
BR
B11
Bidirectional (3.3 V only)
BG
D10
Bidirectional (3.3 V only)
BB
C10
Bidirectional
Active pull-up (3.3 V only)
IRQ0
M6
Input (3.3 V only)
IRQ1
P5
Input (3.3 V only)
IRQ7
N5
Input (3.3 V only)
CS[0:5]
B14, E11, C14, B15, E13, B16
Output
CS6
CE1_B
F12
Output
CS7
CE2_B
D15
Output
Table 36. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com