Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
41
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
Table 14 shows the debug port timing for the MPC875/870.
Figure 31 provides the input timing for the debug port clock.
Figure 31. Debug Port Clock Input Timing
Figure 32 provides the timing for the debug port.
Figure 32. Debug Port Timings
Table 14. Debug Port Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
D61
DSCK cycle time
3
× TCLOCKOUT
D62
DSCK clock pulse width
1.25
× TCLOCKOUT
D63
DSCK rise and fall times
0.00
3.00
ns
D64
DSDI input data setup time
8.00
ns
D65
DSDI data hold time
5.00
ns
D66
DSCK low to DSDO data valid
0.00
15.00
ns
D67
DSCK low to DSDO invalid
0.00
2.00
ns
DSCK
D61
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com