Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
59
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
Figure 54. HDLC Bus Timing Diagram
13.7 Ethernet Electrical Specifications
Table 24 provides the Ethernet timings as shown in Figure 55 to Figure 57.
Table 24. Ethernet Timing
Num
Characteristic
All
Frequencies
Unit
Min
Max
120
CLSN width high
40
—
ns
121
RCLK3 rise/fall time
—
15
ns
122
RCLK3 width low
40
—
ns
123
RCLK3 clock period 1
80
120
ns
124
RXD3 setup time
20
—
ns
125
RXD3 hold time
5
—
ns
126
RENA active delay (from RCLK3 rising edge of the last data bit)
10
—
ns
127
RENA width low
100
—
ns
128
TCLK3 rise/fall time
—
15
ns
129
TCLK3 width low
40
—
ns
130
TCLK3 clock period1
99
101
ns
131
TXD3 active delay (from TCLK3 rising edge)
—
50
ns
132
TXD3 inactive delay (from TCLK3 rising edge)
6.5
50
ns
TCLK3
CTS3
(Echo Input)
102
100
104
TxD3
(Output)
102
101
RTS3
(Output)
103
104
107
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com