Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 32Page - Cypress Semiconductor MB9B360R Datasheet HTML 33Page - Cypress Semiconductor MB9B360R Datasheet HTML 34Page - Cypress Semiconductor MB9B360R Datasheet HTML 35Page - Cypress Semiconductor MB9B360R Datasheet HTML 36Page - Cypress Semiconductor MB9B360R Datasheet HTML 37Page - Cypress Semiconductor MB9B360R Datasheet HTML 38Page - Cypress Semiconductor MB9B360R Datasheet HTML 39Page - Cypress Semiconductor MB9B360R Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 36 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
GPIO
P60
General-purpose I/O port 6
116
96
76
74
B3
B3
P61
115
95
75
73
B4
B4
P62
114
94
74
72
B5
C4
P63
113
93
73
71
C5
B5
P64
112
-
-
-
-
C5
P65
111
-
-
-
-
D5
P66
110
-
-
-
-
A6
P67
109
-
-
-
-
B6
P68
108
-
-
-
-
C6
P70
General-purpose I/O port 7
51
-
-
-
-
K8
P71
52
-
-
-
-
L9
P72
53
-
-
-
-
K9
P73
54
-
-
-
-
M10
P74
55
-
-
-
-
L10
P80
General-purpose I/O port 8
118
98
78
76
A3
A3
P81
119
99
79
77
A2
A2
PE0
General-purpose I/O port E
56
46
36
24
M10
N10
PE2
58
48
38
26
N11
N11
PE3
59
49
39
27
N12
N12
Multi- function
Serial
0
SIN0_0
Multi-function serial interface ch.0 input pin
88
73
59
51
C13
D11
SIN0_1
65
55
44
33
K12
J12
SOT0_0
(SDA0_0)
Multi-function serial interface ch.0 output pin.
This pin operates as SOT0 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA0 when it is used in an I
2C (operation mode
4).
87
72
58
50
D12
D12
SOT0_1
(SDA0_1)
66
56
45
34
J13
J11
SCK0_0
(SCL0_0)
Multi-function serial interface ch.0 clock I/O pin.
This pin operates as SCK0 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SCL0 when it is used in an I
2C (operation mode
4).
86
71
57
49
D13
D13
SCK0_1
(SCL0_1)
67
57
46
35
J12
J10
Multi- function
Serial
1
SIN1_0
Multi-function serial interface ch.1 input pin
96
81
66
59
A9
D9
SIN1_1
62
52
41
30
L13
L12
SOT1_0
(SDA1_0)
Multi-function serial interface ch.1 output pin.
This pin operates as SOT1 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as
SDA1 when it is used in an I
2C (operation mode
4).
97
82
67
60
B9
C9
SOT1_1
(SDA1_1)
63
53
42
31
L12
K12
SCK1_0
(SCL1_0)
Multi-function serial interface ch.1 clock I/O pin.
This pin operates as SCK1 when it is used in a
CSIO (operation modes 4) and as SCL1 when it is
used in an I
2C (operation mode 4).
98
83
-
61
C9
B9
SCK1_1
(SCL1_1)
64
54
43
32
K13
K11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com