Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 60Page - Cypress Semiconductor MB9B360R Datasheet HTML 61Page - Cypress Semiconductor MB9B360R Datasheet HTML 62Page - Cypress Semiconductor MB9B360R Datasheet HTML 63Page - Cypress Semiconductor MB9B360R Datasheet HTML 64Page - Cypress Semiconductor MB9B360R Datasheet HTML 65Page - Cypress Semiconductor MB9B360R Datasheet HTML 66Page - Cypress Semiconductor MB9B360R Datasheet HTML 67Page - Cypress Semiconductor MB9B360R Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 64 of 166
MB9B360R Series
Function
group
Power-on
reset or
low-voltage
detection
state
INITX
input
state
Device
internal
reset
state
Run mode
or SLEEP
mode state
TIMER mode,
RTC mode, or
STOP mode state
Deep standby RTC
mode or Deep standby
STOP mode state
Return from
Deep
standby
mode state
Power
supply
unstable
Power supply
stable
Power
supply
stable
Power supply
stable
Power supply
stable
Power
supply
stable
‐
INITX=0
INITX=1
INITX=1
INITX=1
INITX=1
INITX=1
‐
‐
‐
‐
SPL=0
SPL=1
SPL=0
SPL=1
-
N
Analog input
selected
Hi-Z
Hi-Z /
Internal
input
fixed
at"0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Trace selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Trace
output
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Resource other
than above
selected
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
O
Analog input
selected
Hi-Z
Hi-Z /
Internal
input
fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Trace selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Trace
output
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
External
interrupt
enabled
selected
Maintain
previous
state
Resource other
than above
selected
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com