Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 91Page - Cypress Semiconductor MB9B360R Datasheet HTML 92Page - Cypress Semiconductor MB9B360R Datasheet HTML 93Page - Cypress Semiconductor MB9B360R Datasheet HTML 94Page - Cypress Semiconductor MB9B360R Datasheet HTML 95Page - Cypress Semiconductor MB9B360R Datasheet HTML 96Page - Cypress Semiconductor MB9B360R Datasheet HTML 97Page - Cypress Semiconductor MB9B360R Datasheet HTML 98Page - Cypress Semiconductor MB9B360R Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 95 of 166
MB9B360R Series
SDRAM Mode
(VCC = 2.7V to 3.6V, VSS = 0V)
Parameter
Symbol
Pin name
Value
Unit
Min
Max
Output frequency
tCYCSD
MSDCLK
-
32
MHz
Address delay time
tAOSD
MSDCLK,
MAD[15:0]
2
12
ns
MSDCLK
↑→Data output delay time
tDOSD
MSDCLK,
MADATA[31:0]
2
12
ns
MSDCLK
↑→Data output
Hi-Z time
tDOZSD
MSDCLK,
MADATA[31:0]
2
20
ns
MDQM[1:0] delay time
tWROSD
MSDCLK,
MDQM[1:0]
1
12
ns
MCSX delay time
tMCSSD
MSDCLK,
MCSX8
2
12
ns
MRASX delay time
tRASSD
MSDCLK,
MRASX
2
12
ns
MCASX delay time
tCASSD
MSDCLK,
MCASX
2
12
ns
MSDWEX delay time
tMWESD
MSDCLK,
MSDWEX
2
12
ns
MSDCKE delay time
tCKESD
MSDCLK,
MSDCKE
2
12
ns
Data set up time
tDSSD
MSDCLK,
MADATA[31:0]
23
-
ns
Data hold time
tDHSD
MSDCLK,
MADATA[31:0]
0
-
ns
Note: When the external load capacitance CL = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com