Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 53Page - Cypress Semiconductor MB9B360R Datasheet HTML 54Page - Cypress Semiconductor MB9B360R Datasheet HTML 55Page - Cypress Semiconductor MB9B360R Datasheet HTML 56Page - Cypress Semiconductor MB9B360R Datasheet HTML 57Page - Cypress Semiconductor MB9B360R Datasheet HTML 58Page - Cypress Semiconductor MB9B360R Datasheet HTML 59Page - Cypress Semiconductor MB9B360R Datasheet HTML 60Page - Cypress Semiconductor MB9B360R Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 57 of 166
MB9B360R Series
9. Memory Size
See "Memory size" in "Product Lineup" to confirm the memory size.
10. Memory Map
Memory Map (1)
Peripherals Area
0x41FF_FFFF
0x4007_0000
0x4006_F000
GPIO
0x4006_E000
SD-Card I/F
0xFFFF_FFFF
0x4006_2000
0xE010_0000
0x4006_1000
DSTC
0x4006_0000
DMAC
0xE000_0000
0x4005_0000
0x4004_0000
USB ch.0
0x4003_F000
EXT-bus I/F
0x4003_C800
0x4003_C100 Peripheral Clock Gating
0x4003_C000 Low Speed CR Prescaler
0x6000_0000
0x4003_B000
RTC/Port Ctrl
0x4003_A000
Watch Counter
0x4003_9000
CRC
0x4400_0000
0x4003_8000
MFS
0x4003_7000
Reserved
0x4200_0000
0x4003_6000
USB Clock ctrl
0x4003_5000
LVD/DS mode
0x4003_4000
Reserved
0x4000_0000
0x4003_3000
D/AC
0x4003_2000
Reserved
0x4003_1000
Int-Req.Read
0x2400_0000
0x4003_0000
EXTI
0x4002_F000
Reserved
0x2200_0000
0x4002_E000
CR Trim
0x4002_8000
0x2010_0000
0x4002_7000
A/DC
0x200E_0000
WorkFlash I/F
0x4002_6000
QPRC
0x200C_0000
WorkFlash
0x4002_5000
Base Timer
0x4002_4000
PPG
0x2004_8000
0x2004_0000
SRAM2
0x4002_2000
0x2003_8000
SRAM1
0x4002_1000
MFT Unit1
0x2000_0000
Reserved
0x4002_0000
MFT Unit0
0x1FFF_0000
SRAM0
0x0050_0000
Reserved
0x4001_6000
0x0040_0000
Security/CR Trim
0x4001_5000
Dual Timer
0x4001_3000
0x4001_2000
SW WDT
0x0000_0000
0x4001_1000
HW WDT
0x4001_0000
Clock/Reset
0x4000_1000
0x4000_0000
MainFlash I/F
Reserved
Reserved
Reserved
Reserved
32 Mbytes
Bit band alias
See "Memory Map (2)"
for the memory size
details.
MainFlash
Reserved
Reserved
Peripherals
32 Mbytes
Bit band alias
Reserved
Reserved
Reserved
Reserved
Cortex-M4 Private
Peripherals
Reserved
Reserved
External Device
Area
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com