Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 63Page - Cypress Semiconductor MB9B360R Datasheet HTML 64Page - Cypress Semiconductor MB9B360R Datasheet HTML 65Page - Cypress Semiconductor MB9B360R Datasheet HTML 66Page - Cypress Semiconductor MB9B360R Datasheet HTML 67Page - Cypress Semiconductor MB9B360R Datasheet HTML 68Page - Cypress Semiconductor MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor MB9B360R Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 67 of 166
MB9B360R Series
12. Electrical Characteristics
12.1 Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage *
1, *2
VCC
VSS - 0.5
VSS + 6.5
V
Power supply voltage (for USB)*
1, * 3
USBVCC
VSS - 0.5
VSS + 6.5
V
Power supply voltage (VBAT) *
1 ,*4
VBAT
VSS - 0.5
VSS + 6.5
V
Analog power supply voltage *
1 ,*5
AVCC
VSS - 0.5
VSS + 6.5
V
Analog reference voltage *
1 ,*5
AVRH
VSS - 0.5
VSS + 6.5
V
Input voltage *
1
VI
VSS - 0.5
VCC + 0.5
(
≤ 6.5V)
V
Except for USB pin
VSS - 0.5
USBVCC + 0.5
(
≤ 6.5V)
V
USB pin
VSS - 0.5
VSS + 6.5
V
5V tolerant
Analog pin input voltage *
1
VIA
VSS - 0.5
AVCC + 0.5
(
≤ 6.5V)
V
Output voltage *
1
VO
VSS - 0.5
VCC + 0.5
(
≤ 6.5V)
V
"L" level maximum output current *
6
IOL
-
10
mA
4mA type
20
mA
8mA type
20
mA
12mA type
22.4
mA
I
2C Fm+
"L" level average output current *
7
IOLAV
-
4
mA
4mA type
8
mA
8mA type
12
mA
12mA type
20
mA
I
2C Fm+
"L" level total maximum output current
∑I
OL
-
100
mA
"L" level total maximum output current *
8
∑I
OLAV
-
50
mA
"H" level maximum output current *
6
IOH
-
- 10
mA
4mA type
20
mA
8mA type
- 20
mA
12mA type
"H" level average output current *
7
IOHAV
-
- 4
mA
4mA type
8
mA
8mA type
- 12
mA
12mA type
"H" level total maximum output current
∑I
OH
-
- 100
mA
"H" level total average output current *
8
∑I
OHAV
-
- 50
mA
Storage temperature
TSTG
- 55
+ 150
°C
*1 : These parameters are based on the condition that VSS = AVSS = 0.0V.
*2 : VCC must not drop below VSS - 0.5V.
*3 : USBVCC must not drop below VSS - 0.5V.
*4 : VBAT must not drop below VSS - 0.5V.
*5 : Ensure that the voltage does not exceed VCC + 0.5V, for example, when the power is turned on.
*6 : The maximum output current is defined as the value of the peak current flowing through any one of the corresponding pins.
*7 : The average output current is defined as the average current value flowing through any one of the corresponding pins for a
100ms period.
*8 : The total average output current is defined as the average current value flowing through all of corresponding pins for a 100ms.
WARNING
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current or
temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com