Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 26Page - Cypress Semiconductor MB9B360R Datasheet HTML 27Page - Cypress Semiconductor MB9B360R Datasheet HTML 28Page - Cypress Semiconductor MB9B360R Datasheet HTML 29Page - Cypress Semiconductor MB9B360R Datasheet HTML 30Page - Cypress Semiconductor MB9B360R Datasheet HTML 31Page - Cypress Semiconductor MB9B360R Datasheet HTML 32Page - Cypress Semiconductor MB9B360R Datasheet HTML 33Page - Cypress Semiconductor MB9B360R Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 30 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Base Timer
3
TIOA3_0
Base timer ch.3 TIOA pin
35
30
-
8
L3
M3
TIOA3_1
27
22
17
100
K2
K2
TIOA3_2
97
82
67
60
B9
C9
TIOB3_0
Base timer ch.3 TIOB pin
49
44
34
22
M9
M8
TIOB3_1
17
12
12
90
F3
G3
TIOB3_2
98
83
-
61
C9
B9
Base Timer
4
TIOA4_0
Base timer ch.4 TIOA pin
36
31
21
9
M4
L4
TIOA4_1
28
23
18
1
L1
K3
TIOA4_2
51
-
-
-
-
K8
TIOB4_0
Base timer ch.4 TIOB pin
50
45
35
23
L9
L8
TIOB4_1
18
13
-
91
G1
G4
TIOB4_2
52
-
-
-
-
L9
Base Timer
5
TIOA5_0
Base timer ch.5 TIOA pin
84
-
-
-
-
E11
TIOA5_1
29
24
19
2
L2
L1
TIOA5_2
93
78
63
56
B11
C10
TIOB5_0
Base timer ch.5 TIOB pin
83
-
-
-
-
E12
TIOB5_1
19
14
-
92
G2
H1
TIOB5_2
92
77
62
55
A12
B13
Base Timer
6
TIOA6_0
Base timer ch.6 TIOA pin
53
-
-
-
-
K9
TIOA6_1
94
79
64
57
B10
A11
TIOA6_2
82
-
-
-
-
E13
TIOB6_0
Base timer ch.6 TIOB pin
54
-
-
-
-
M10
TIOB6_1
95
80
65
58
A10
B10
TIOB6_2
81
-
-
-
-
F10
Base Timer
7
TIOA7_0
Base timer ch.7 TIOA pin
112
-
-
-
-
C5
TIOA7_1
86
71
57
49
D13
D13
TIOA7_2
109
-
-
-
-
B6
TIOB7_0
Base timer ch.7 TIOB pin
111
-
-
-
-
D5
TIOB7_1
87
72
58
50
D12
D12
TIOB7_2
108
-
-
-
-
C6
Debugger
SWCLK
Serial wire debug interface clock input pin
105
90
71
68
A6
B7
SWDIO
Serial wire debug interface data input / output pin
103
88
69
66
B7
D7
SWO
Serial wire viewer output pin
102
87
68
65
C7
B8
TCK
J-TAG test clock input pin
105
90
71
68
A6
B7
TDI
J-TAG test data input pin
104
89
70
67
C6
C7
TDO
J-TAG debug data output pin
102
87
68
65
C7
B8
TMS
J-TAG test mode state input/output pin
103
88
69
66
B7
D7
TRACECLK
Trace CLK output pin of ETM
101
86
-
64
C8
C8
TRACED0
Trace data output pin of ETM
97
82
-
60
B9
C9
TRACED1
98
83
-
61
C9
B9
TRACED2
99
84
-
62
A8
A9
TRACED3
100
85
-
63
B8
D8
TRSTX
J-TAG test reset Input pin
106
91
72
69
B6
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com