Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 25Page - Cypress Semiconductor MB9B360R Datasheet HTML 26Page - Cypress Semiconductor MB9B360R Datasheet HTML 27Page - Cypress Semiconductor MB9B360R Datasheet HTML 28Page - Cypress Semiconductor MB9B360R Datasheet HTML 29Page - Cypress Semiconductor MB9B360R Datasheet HTML 30Page - Cypress Semiconductor MB9B360R Datasheet HTML 31Page - Cypress Semiconductor MB9B360R Datasheet HTML 32Page - Cypress Semiconductor MB9B360R Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 29 of 166
MB9B360R Series
List of pin functions
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins,
there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to
select the pin.
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
ADC
ADTG_0
A/D converter external trigger input pin
101
86
-
64
C8
C8
ADTG_1
7
7
7
85
E1
E1
ADTG_2
23
18
13
96
J1
J1
ADTG_3
114
94
74
72
B5
C4
ADTG_4
81
-
-
-
-
F10
ADTG_5
80
70
-
48
E11
F11
ADTG_6
17
12
12
90
F3
G3
ADTG_7
35
30
-
8
L3
M3
ADTG_8
110
-
-
-
-
A6
AN00
A/D converter analog input pin.
ANxx describes ADC ch.xx.
62
52
41
30
L13
L12
AN01
63
53
42
31
L12
K12
AN02
64
54
43
32
K13
K11
AN03
65
55
44
33
K12
J12
AN04
66
56
45
34
J13
J11
AN05
67
57
46
35
J12
J10
AN06
68
58
47
36
J11
H12
AN07
69
59
48
37
H12
H11
AN08
74
64
53
42
H11
H10
AN09
75
65
54
43
G12
G12
AN10
76
66
55
44
G11
G11
AN11
77
67
56
45
F12
G10
AN12
78
68
-
46
F11
F13
AN13
79
69
-
47
E12
F12
AN14
80
70
-
48
E11
F11
AN15
86
71
57
49
D13
D13
AN16
87
72
58
50
D12
D12
AN17
88
73
59
51
C13
D11
AN18
89
74
-
52
C12
C12
AN19
97
82
67
60
B9
C9
AN20
98
83
-
61
C9
B9
AN21
99
84
-
62
A8
A9
AN22
100
85
-
63
B8
D8
AN23
101
86
-
64
C8
C8
Base Timer
0
TIOA0_0
Base timer ch.0 TIOA pin
32
27
-
5
N2
N2
TIOA0_1
24
19
14
97
J2
J2
TIOA0_2
99
84
-
62
A8
A9
TIOB0_0
Base timer ch.0 TIOB pin
37
32
22
10
L5
K5
TIOB0_1
14
9
9
87
E3
F4
TIOB0_2
100
85
-
63
B8
D8
Base Timer
1
TIOA1_0
Base timer ch.1 TIOA pin
33
28
-
6
N3
L2
TIOA1_1
25
20
15
98
J3
J3
TIOA1_2
5
5
5
83
D1
D2
TIOB1_0
Base timer ch.1 TIOB pin
47
42
32
20
L7
L7
TIOB1_1
15
10
10
88
F1
G1
TIOB1_2
6
6
6
84
D2
D3
Base Timer
2
TIOA2_0
Base timer ch.2 TIOA pin
34
29
-
7
M3
N3
TIOA2_1
26
21
16
99
K1
J4
TIOA2_2
116
96
76
74
B3
B3
TIOB2_0
Base timer ch.2 TIOB pin
48
43
33
21
L8
K7
TIOB2_1
16
11
11
89
F2
G2
TIOB2_2
115
95
75
73
B4
B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com