Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 67Page - Cypress Semiconductor MB9B360R Datasheet HTML 68Page - Cypress Semiconductor MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor MB9B360R Datasheet HTML 71Page - Cypress Semiconductor MB9B360R Datasheet HTML 72Page - Cypress Semiconductor MB9B360R Datasheet HTML 73Page - Cypress Semiconductor MB9B360R Datasheet HTML 74Page - Cypress Semiconductor MB9B360R Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 71 of 166
MB9B360R Series
12.3 DC Characteristics
12.3.1
Current Rating
Parameter
Symbol
Pin
name
Conditions
Frequency
*
4
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power supply
current
ICC
VCC
Normal
operation*
5,*6
(PLL)
160MHz
54
103
mA
*3
When all
peripheral clocks
are ON
144MHz
49
98
120MHz
41
90
100MHz
35
84
80MHz
28
77
60MHz
22
71
40MHz
16
64
20MHz
8.9
58
8MHz
5.1
54
4MHz
3.8
53
160MHz
34
83
mA
*3
When all
peripheral clocks
are OFF
144MHz
31
80
120MHz
26
75
100MHz
22
71
80MHz
18
67
60MHz
14
63
40MHz
10
59
20MHz
6.2
55
8MHz
3.8
53
4MHz
3.1
52
Parameter
Symbol
Pin
name
Conditions
Frequency
*
7
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power supply
current
ICC
VCC
Normal
operation*
8
(PLL)
160MHz
74
126
mA
*3
When all
peripheral clocks
are ON
144MHz
68
120
120MHz
59
112
100MHz
52
104
80MHz
44
97
60MHz
36
89
40MHz
27
79
20MHz
17
67
8MHz
8.3
58
4MHz
5.4
55
160MHz
51
103
mA
*3
When all
peripheral clocks
are OFF
144MHz
47
100
120MHz
42
94
100MHz
37
90
80MHz
33
85
60MHz
28
80
40MHz
21
73
20MHz
13
64
8MHz
6.9
56
4MHz
4.6
54
*1: Ta=+25°C, VCC=3.3V
*2: Tj=+125°C, VCC=5.5V
*3: When all ports are fixed.
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK/2
*5: When operating flash accelerator mode and trace buffer function (FRWTR.RWT = 10, FBFCR.BE = 1)
*6: Data access is nothing to MainFlash memory
*7: Frequency is a value of HCLK. PCLK0=PCLK2=HCLK/2, PCLK1=HCLK
*8: When stopping flash accelerator mode and trace buffer function (FRWTR.RWT = 10, FBFCR.BE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com