Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 75 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 75 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 71Page - Cypress Semiconductor MB9B360R Datasheet HTML 72Page - Cypress Semiconductor MB9B360R Datasheet HTML 73Page - Cypress Semiconductor MB9B360R Datasheet HTML 74Page - Cypress Semiconductor MB9B360R Datasheet HTML 75Page - Cypress Semiconductor MB9B360R Datasheet HTML 76Page - Cypress Semiconductor MB9B360R Datasheet HTML 77Page - Cypress Semiconductor MB9B360R Datasheet HTML 78Page - Cypress Semiconductor MB9B360R Datasheet HTML 79Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 75 of 166
MB9B360R Series
Parameter
Symbol
Pin name
Conditions
Frequency
Value
Unit
Remarks
Typ*
1
Max*
2
Power
supply
current
ICCH
VCC
STOP mode
-
0.33
1.8
mA
*3, *4
Ta=+25°C
-
15
mA
*3, *4
Ta=+85°C
-
22
mA
*3, *4
Ta=+105°C
ICCT
TIMER mode
(built-in
high-speed CR)
4MHz
0.70
2.2
mA
*3, *4
Ta=+25°C
-
16
mA
*3, *4
Ta=+85°C
-
22
mA
*3, *4
Ta=+105°C
TIMER mode
(sub oscillation)
32kHz
0.33
1.8
mA
*3, *4
Ta=+25°C
-
15
mA
*3, *4
Ta=+85°C
-
22
mA
*3, *4
Ta=+105°C
TIMER mode
(built-in
low-speed CR)
100kHz
0.34
1.8
mA
*3, *4
Ta=+25°C
-
15
mA
*3, *4
Ta=+85°C
-
22
mA
*3, *4
Ta=+105°C
ICCR
RTC mode
(sub oscillation)
32kHz
0.33
1.8
mA
*3, *4
Ta=+25°C
-
15
mA
*3, *4
Ta=+85°C
-
22
mA
*3, *4
Ta=+105°C
*1: VCC=3.3V
*2: VCC=5.5V
*3: When all ports are fixed.
*4: When LVD is OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com